Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

S75WS256NDFBAWMA Datasheet(PDF) 29 Page - SPANSION

Part # S75WS256NDFBAWMA
Description  Stacked Multi-Chip Product (MCP)
PDF  216 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S75WS256NDFBAWMA Datasheet(HTML) 29 Page - SPANSION

Back Button S75WS256NDFBAWMA Datasheet HTML 25Page - SPANSION S75WS256NDFBAWMA Datasheet HTML 26Page - SPANSION S75WS256NDFBAWMA Datasheet HTML 27Page - SPANSION S75WS256NDFBAWMA Datasheet HTML 28Page - SPANSION S75WS256NDFBAWMA Datasheet HTML 29Page - SPANSION S75WS256NDFBAWMA Datasheet HTML 30Page - SPANSION S75WS256NDFBAWMA Datasheet HTML 31Page - SPANSION S75WS256NDFBAWMA Datasheet HTML 32Page - SPANSION S75WS256NDFBAWMA Datasheet HTML 33Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 216 page
background image
February 17, 2005 S75WS-N-00_A0
S75WS256Nxx Based MCPs
27
Advance
Information
Figure 8.2 Synchronous Read
8.3.1
Continuous Burst Read Mode
In the continuous burst read mode, the device outputs sequential burst data from the starting
address given and then wrap around to address 000000h when it reaches the highest addressable
memory location. The burst read mode continues until the system drives CE# high, or RESET=
VIL. Continuous burst mode can also be aborted by asserting AVD# low and providing a new ad-
dress to the device.
If the address being read crosses a 128-word line boundary (as mentioned above) and the sub-
sequent word line is not being programmed or erased, additional latency cycles are required as
reflected by the configuration register table (Table 8.8).
If the address crosses a bank boundary while the subsequent bank is programming or erasing,
the device provides read status information and the clock is ignored. Upon completion of status
read or program or erase operation, the host can restart a burst read operation using a new ad-
dress and AVD# pulse.
Write Unlock Cycles:
Address 555h, Data AAh
Address 2AAh, Data 55h
Write Set Configuration Register
Command and Settings:
Address 555h, Data D0h
Address X00h, Data CR
Load Initial Address
Address = RA
Read Initial Data
RD = DQ[15:0]
Read Next Data
RD = DQ[15:0]
Wait tIACC +
Programmable Wait State Setting
Wait X Clocks:
Additional Latency Due to Starting
Address, Clock Frequency, and
Boundary Crossing
End of Data?
Yes
Crossing
Boundary?
No
Yes
Completed
Delay X Clocks
Unlock Cycle 1
Unlock Cycle 2
RA = Read Address
RD = Read Data
Command Cycle
CR = Configuration Register Bits CR15-CR0
CR13-CR11 sets initial access time
(from address latched to
valid data) from 2 to 7 clock cycles
Note: Setup Configuration Register parameters



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com