Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

S75WS256NDFBAWMA Datasheet(PDF) 14 Page - SPANSION

Part # S75WS256NDFBAWMA
Description  Stacked Multi-Chip Product (MCP)
PDF  216 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S75WS256NDFBAWMA Datasheet(HTML) 14 Page - SPANSION

Back Button S75WS256NDFBAWMA Datasheet HTML 10Page - SPANSION S75WS256NDFBAWMA Datasheet HTML 11Page - SPANSION S75WS256NDFBAWMA Datasheet HTML 12Page - SPANSION S75WS256NDFBAWMA Datasheet HTML 13Page - SPANSION S75WS256NDFBAWMA Datasheet HTML 14Page - SPANSION S75WS256NDFBAWMA Datasheet HTML 15Page - SPANSION S75WS256NDFBAWMA Datasheet HTML 16Page - SPANSION S75WS256NDFBAWMA Datasheet HTML 17Page - SPANSION S75WS256NDFBAWMA Datasheet HTML 18Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 216 page
background image
12
S75WS256Nxx Based MCPs
S75WS-N-00_A0 February 17, 2005
Ad van c e
Inf o rmation
2
Ordering Information
The ordering part number is formed by a valid combination of the following:
Package Marking Note:
The BGA package marking omits the leading S75 and packing type designator from the ordering part number.
Valid Combinations
Valid Combinations list configurations planned to be supported in volume for this device. Consult
your local sales office to confirm availability of specific valid combinations and to check on newly
released combinations.
S75WS 256 N D F BA W M A
RAM Supplier; Speed Combination
A
= Cellular RAM2, 54 MHz
B
= Cellular RAM2, 66 MHz
Package Dimensions and Ball Count; DYB Power Up;
Flash Device Family (Data Storage)
M
= 1.4 mm, 9 x 12, 84 ball; 0; RS
P
= 1.4 mm, 9 x 12, 84 ball; 1; RS
Temperature Range
W
= Wireless (–25°C to +85°C)
Package Type And Material
BA
= Very Thin Fine-Pitch Ball Grid Array (BGA),
Lead (Pb)-free Compliant Package
BF
= Very Thin Fine-Pitch Ball Grid Array (BGA),
Lead (Pb)-free Package
Data Storage Density
F
= 512 Mb
Code Flash Density
D
= 128 Mb
Process Technology
N
= 110 nm, Mirror Bit Technology
Flash Density
256
= 256 Mb
Device Family
S75WS = Multi-chip Product (MCP)
1.8-volt Burst Mode Flash Memory, RAM, and NAND Data Storage
Table 2.1 MCP Configurations and Valid Combinations
Valid Combinations
S75WS256N
D
F
BA, BF
W
M, P
A, B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com