Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

S75WS256NDFBAWMA Datasheet(PDF) 56 Page - SPANSION

Part # S75WS256NDFBAWMA
Description  Stacked Multi-Chip Product (MCP)
PDF  216 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S75WS256NDFBAWMA Datasheet(HTML) 56 Page - SPANSION

Back Button S75WS256NDFBAWMA Datasheet HTML 52Page - SPANSION S75WS256NDFBAWMA Datasheet HTML 53Page - SPANSION S75WS256NDFBAWMA Datasheet HTML 54Page - SPANSION S75WS256NDFBAWMA Datasheet HTML 55Page - SPANSION S75WS256NDFBAWMA Datasheet HTML 56Page - SPANSION S75WS256NDFBAWMA Datasheet HTML 57Page - SPANSION S75WS256NDFBAWMA Datasheet HTML 58Page - SPANSION S75WS256NDFBAWMA Datasheet HTML 59Page - SPANSION S75WS256NDFBAWMA Datasheet HTML 60Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 216 page
background image
54
S75WS256Nxx Based MCPs
S75WS-N-00_A0 February 17, 2005
Ad van c e
Inf o rmation
Notes
1.
Each PPB is individually programmed and all are erased in parallel.
2.
While programming PPB for a sector, array data can be read from any other bank, except
Bank 0 (used for Data# Polling) and the bank in which sector PPB is being programmed.
3.
Entry command disables reads and writes for the bank selected.
4.
Reads within that bank return the PPB status for that sector.
5.
Reads from other banks are allowed while writes are not allowed.
6.
All Reads must be performed using the Asynchronous mode.
7.
The specific sector address (A23-A14 WS256N, A22-A14 WS128N, A21-A14 WS064N) are
written at the same time as the program command.
8.
If the PPB Lock Bit is set, the PPB Program or erase command does not execute and times-
out without programming or erasing the PPB.
9.
There are no means for individually erasing a specific PPB and no specific sector address is
required for this operation.
10. Exit command must be issued after the execution which resets the device to read mode and
re-enables reads and writes for Bank 0
11. The programming state of the PPB for a given sector can be verified by writing a PPB
Status Read Command to the device as described by the flow chart shown in Figure 9.2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com