Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

S75WS256NDFBAWMA Datasheet(PDF) 95 Page - SPANSION

Part # S75WS256NDFBAWMA
Description  Stacked Multi-Chip Product (MCP)
PDF  216 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S75WS256NDFBAWMA Datasheet(HTML) 95 Page - SPANSION

Back Button S75WS256NDFBAWMA Datasheet HTML 91Page - SPANSION S75WS256NDFBAWMA Datasheet HTML 92Page - SPANSION S75WS256NDFBAWMA Datasheet HTML 93Page - SPANSION S75WS256NDFBAWMA Datasheet HTML 94Page - SPANSION S75WS256NDFBAWMA Datasheet HTML 95Page - SPANSION S75WS256NDFBAWMA Datasheet HTML 96Page - SPANSION S75WS256NDFBAWMA Datasheet HTML 97Page - SPANSION S75WS256NDFBAWMA Datasheet HTML 98Page - SPANSION S75WS256NDFBAWMA Datasheet HTML 99Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 216 page
background image
February 17, 2005 S75WS-N-00_A0
S75WS256Nxx Based MCPs
93
Advance
Information
Page
Group of words that may be accessed more rapidly as a group than if the words were
accessed individually.
Page Read
Asynchronous read operation of several words in which the first word of the group
takes a longer initial access time and subsequent words in the group take less page
access time to be read. Different words in the group are accessed by changing only the
least significant address lines.
Password Protection
Sector protection method which uses a programmable password, in addition to the
Persistent Protection method, for protection of sectors in the Flash memory device.
Persistent Protection
Sector protection method that uses commands and only the standard core voltage
supply to control protection of sectors in the Flash memory device. This method
replaces a prior technique of requiring a 12V supply to control the protection method.
Program
Stores data into a Flash memory by selectively clearing bits of the memory array in
order to leave a data pattern of ones and zeros.
Program Suspend/Program
Resume
Halts a programming operation to read data from any location that is not selected for
programming or erase.
Read
Host bus cycle that causes the Flash to output data onto the data bus.
Registers
Dynamic storage bits for holding device control information or tracking the status of
an operation.
Secured Silicon
Secured Silicon. An area consisting of 256 bytes in which any word may be
programmed once, and the entire area may be protected once from any future
programming. Information in this area may be programmed at the factory or by the
user. Once programmed and protected there is no way to change the secured
information. This area is often used to store a software readable identification such as
a serial number.
Sector Protection
Use of one or more control bits per sector to indicate whether each sector may be
programmed or erased. If the Protection bit for a sector is set the embedded
algorithms for program or erase ignores program or erase commands related to that
sector.
Sector
An Area of the memory array in which all bits must be erased together by an erase
operation.
Simultaneous Operation
Mode of operation in which a host system may issue a program or erase command to
one bank, that embedded algorithm operation may then proceed while the host
immediately follows the embedded algorithm command with reading from another
bank. Reading may continue concurrently in any bank other than the one executing
the embedded algorithm operation.
Synchronous Operation
Operation that progresses only when a timing signal, known as a clock, transitions
between logic levels (that is, at a clock edge).
VersatileIO™ (VIO)
Separate power supply or voltage reference signal that allows the host system to set
the voltage levels that the device generates at its data outputs and the voltages
tolerated at its data inputs.
Unlock Bypass
Mode that facilitates faster program times by reducing the number of command bus
cycles required to issue a write operation command. In this mode the initial two Unlock
write cycles, of the usual 4 cycle Program command, are not required – reducing all
Program commands to two bus cycles while in this mode.
Word
Two contiguous bytes (16 bits) located at an even byte boundary. A double word is two
contiguous words located on a two word boundary. A quad word is four contiguous
words located on a four word boundary.
Term
Definition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com