Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

S75WS256NDFBAWMA Datasheet(PDF) 76 Page - SPANSION

Part # S75WS256NDFBAWMA
Description  Stacked Multi-Chip Product (MCP)
PDF  216 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S75WS256NDFBAWMA Datasheet(HTML) 76 Page - SPANSION

Back Button S75WS256NDFBAWMA Datasheet HTML 72Page - SPANSION S75WS256NDFBAWMA Datasheet HTML 73Page - SPANSION S75WS256NDFBAWMA Datasheet HTML 74Page - SPANSION S75WS256NDFBAWMA Datasheet HTML 75Page - SPANSION S75WS256NDFBAWMA Datasheet HTML 76Page - SPANSION S75WS256NDFBAWMA Datasheet HTML 77Page - SPANSION S75WS256NDFBAWMA Datasheet HTML 78Page - SPANSION S75WS256NDFBAWMA Datasheet HTML 79Page - SPANSION S75WS256NDFBAWMA Datasheet HTML 80Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 216 page
background image
74
S75WS256Nxx Based MCPs
S75WS-N-00_A0 February 17, 2005
Ad van c e
Inf o rmation
12.8.6
Erase/Program Timing
Notes:
1. Not 100% tested.
2. Asynchronous read mode allows Asynchronous program operation only. Synchronous read mode allows both
Asynchronous and Synchronous program operation.
3. In asynchronous program operation timing, addresses are latched on the falling edge of WE#. In synchronous program
operation timing, addresses are latched on the rising edge of CLK.
4. See the Erase and Programming Performance section for more information.
5. Does not include the preprogramming time.
6. The content in this document is Advance information for the S29WS064N and S29WS128N. Content in this document
is Preliminary for the S29W256N.
Parameter
Description
54 MHz 66 MHz 80 MHz Unit
JEDEC Standard
tAVAV
tWC
Write Cycle Time (Note 1)Min
80
ns
tAVWL
tAS
Address Setup Time (Notes 2, 3)
Synchronous
Min
5ns
Asynchronous
0
ns
tWLAX
tAH
Address Hold Time (Notes 2, 3)
Synchronous
Min
9
ns
Asynchronous
20
tAVDP
AVD# Low Time
Min
8
ns
tDVWH
tDS
Data Setup Time
Min
45
20
ns
tWHDX
tDH
Data Hold Time
Min
0
ns
tGHWL
tGHWL
Read Recovery Time Before Write
Min
0
ns
tCAS
CE# Setup Time to AVD#
Min
0
ns
tWHEH
tCH
CE# Hold Time
Min
0
ns
tWLWH
tWP
Write Pulse Width
Min
30
ns
tWHWL
tWPH
Write Pulse Width High
Min
20
ns
tSR/W
Latency Between Read and Write Operations
Min
0
ns
tVID
VACC Rise and Fall Time
Min
500
ns
tVIDS
VACC Setup Time (During Accelerated Programming)
Min
1
µs
tVCS
VCC Setup Time
Min
50
µs
tELWL
tCS
CE# Setup Time to WE#
Min
5
ns
tAVSW
AVD# Setup Time to WE#
Min
5
ns
tAVHW
AVD# Hold Time to WE#
Min
5
ns
tAVSC
AVD# Setup Time to CLK
Min
5
ns
tAVHC
AVD# Hold Time to CLK
Min
5
ns
tCSW
Clock Setup Time to WE#
Min
5
ns
tWEP
Noise Pulse Margin on WE#
Max
3
ns
tSEA
Sector Erase Accept Time-out
Max
50
µs
tESL
Erase Suspend Latency
Max
20
µs
tPSL
Program Suspend Latency
Max
20
µs
tASP
Toggle Time During Sector Protection
Typ
100
µs
tPSP
Toggle Time During Programming Within a Protected Sector
Typ
1
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com