Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

S75WS256NDFBAWMA Datasheet(PDF) 24 Page - SPANSION

Part # S75WS256NDFBAWMA
Description  Stacked Multi-Chip Product (MCP)
PDF  216 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S75WS256NDFBAWMA Datasheet(HTML) 24 Page - SPANSION

Back Button S75WS256NDFBAWMA Datasheet HTML 20Page - SPANSION S75WS256NDFBAWMA Datasheet HTML 21Page - SPANSION S75WS256NDFBAWMA Datasheet HTML 22Page - SPANSION S75WS256NDFBAWMA Datasheet HTML 23Page - SPANSION S75WS256NDFBAWMA Datasheet HTML 24Page - SPANSION S75WS256NDFBAWMA Datasheet HTML 25Page - SPANSION S75WS256NDFBAWMA Datasheet HTML 26Page - SPANSION S75WS256NDFBAWMA Datasheet HTML 27Page - SPANSION S75WS256NDFBAWMA Datasheet HTML 28Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 216 page
background image
22
S75WS256Nxx Based MCPs
S75WS-N-00_A0 February 17, 2005
Ad van c e
Inf o rmation
Note: This table has been condensed to show sector-related information for an entire device on a single page.
Sectors and their address ranges that are not explicitly listed (such as SA008–SA009) have sector
starting and ending addresses that form the same pattern as all other sectors of that size. For example,
all 128 KB sectors have the pattern xx00000h–xxFFFFh.
Table 7.3 S29WS064N Sector & Memory Address Map
Bank
Size
Sector
Count
Sector Size
(KB)
Bank
Sector/
Sector Range
Address Range
Notes
0.5 MB
4
32
0
SA000
000000h–003FFFh
Contains four smaller sectors
at bottom of addressable memory.
SA001
004000h–007FFFh
SA002
008000h–00BFFFh
SA003
00C000h–00FFFFh
3
128
SA004
010000h–01FFFFh
All 128 KB sectors.
Pattern for sector
address range is
xx0000h–xxFFFFh.
(see note)
SA005
020000h–02FFFFh
SA006
030000h–03FFFFh
0.5 MB
4
128
1
SA007–SA010
040000h–04FFFFh to 070000h–07FFFFh
0.5 MB
4
128
2
SA011–SA014
080000h–08FFFFh to 0B0000h–0BFFFFh
0.5 MB
4
128
3
SA015–SA018
0C0000h–0CFFFFh to 0F0000h–0FFFFFh
0.5 MB
4
128
4
SA019–SA022
100000h–10FFFFh to 130000h–13FFFFh
0.5 MB
4
128
5
SA023–SA026
140000h–14FFFFh to 170000h–17FFFFh
0.5 MB
4
128
6
SA027–SA030
180000h–18FFFFh to 1B0000h–1BFFFFh
0.5 MB
4
128
7
SA031–SA034
1C0000h–1CFFFFh to 1F0000h–1FFFFFh
0.5 MB
4
128
8
SA035–SA038
200000h–20FFFFh to 230000h–23FFFFh
0.5 MB
4
128
9
SA039–SA042
240000h–24FFFFh to 270000h–27FFFFh
0.5 MB
4
128
10
SA043–SA046
280000h–28FFFFh to 2B0000h–2BFFFFh
0.5 MB
4
128
11
SA047–SA050
2C0000h–2CFFFFh to 2F0000h–2FFFFFh
0.5 MB
4
128
12
SA051–SA054
300000h–30FFFFh to 330000h–33FFFFh
0.5 MB
4
128
13
SA055–SA058
340000h–34FFFFh to 370000h–37FFFFh
0.5 MB
4
128
14
SA059–SA062
380000h–38FFFFh to 3B0000h–3BFFFFh
0.5 MB
3
128
15
SA063
3C0000h–3CFFFFh
SA064
3D0000h–3DFFFFh
SA065
3E0000h–3EFFFFh
4
32
SA066
3F0000h–3F3FFFh
Contains four smaller sectors a
t top of addressable memory.
SA067
3F4000h–3F7FFFh
SA068
3F8000h–3FBFFFh
SA069
3FC000h–3FFFFFh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com