Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

S75WS256NDFBAWMA Datasheet(PDF) 52 Page - SPANSION

Part # S75WS256NDFBAWMA
Description  Stacked Multi-Chip Product (MCP)
PDF  216 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S75WS256NDFBAWMA Datasheet(HTML) 52 Page - SPANSION

Back Button S75WS256NDFBAWMA Datasheet HTML 48Page - SPANSION S75WS256NDFBAWMA Datasheet HTML 49Page - SPANSION S75WS256NDFBAWMA Datasheet HTML 50Page - SPANSION S75WS256NDFBAWMA Datasheet HTML 51Page - SPANSION S75WS256NDFBAWMA Datasheet HTML 52Page - SPANSION S75WS256NDFBAWMA Datasheet HTML 53Page - SPANSION S75WS256NDFBAWMA Datasheet HTML 54Page - SPANSION S75WS256NDFBAWMA Datasheet HTML 55Page - SPANSION S75WS256NDFBAWMA Datasheet HTML 56Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 216 page
background image
50
S75WS256Nxx Based MCPs
S75WS-N-00_A0 February 17, 2005
Ad van c e
Inf o rmation
8.9
Hardware Reset
The RESET# input provides a hardware method of resetting the device to reading array data.
When RESET# is driven low for at least a period of tRP, the device immediately terminates any
operation in progress, tristates all outputs, resets the configuration register, and ignores all read/
write commands for the duration of the RESET# pulse. The device also resets the internal state
machine to reading array data.
To ensure data integrity the operation that was interrupted should be reinitiated once the device
is ready to accept another command sequence.
When RESET# is held at VSS, the device draws CMOS standby current (ICC4). If RESET# is held
at VIL, but not at VSS, the standby current is greater.
RESET# may be tied to the system reset circuitry which enables the system to read the boot-up
firmware from the Flash memory upon a system reset.
See Figures 12.5 and 12.12 for timing diagrams.
8.10 Software Reset
Software reset is part of the command set (see Table 13.1) that also returns the device to array
read mode and must be used for the following conditions:
1.
to exit Autoselect mode
2.
when DQ5 goes high during write status operation that indicates program or erase cycle was
not successfully completed
3.
exit sector lock/unlock operation.
4.
to return to erase-suspend-read mode if the device was previously in Erase Suspend mode.
5.
after any aborted operations
Note: Base = Base Address.
The following is a C source code example of using the reset function. Refer to the Spansion
Low Level Driver User’s Guide (available on www.amd.com and www.fujitsu.com) for general
information on Spansion Flash memory software development guidelines.
/* Example: Reset (software reset of Flash state machine) */
*( (UINT16 *)base_addr + 0x000 ) = 0x00F0;
The following are additional points to consider when using the reset command:
This command resets the banks to the read and address bits are ignored.
Reset commands are ignored once erasure has begun until the operation is complete.
Once programming begins, the device ignores reset commands until the operation is com-
plete
The reset command may be written between the cycles in a program command sequence be-
fore programming begins (prior to the third cycle). This resets the bank to which the system
was writing to the read mode.
Software Functions and Sample Code
Table 8.24 Reset
(LLD Function = lld_ResetCmd)
Cycle
Operation
Byte Address
Word Address
Data
Reset Command
Write
Base + xxxh
Base + xxxh
00F0h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com