Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

S75WS256NDFBAWMA Datasheet(PDF) 43 Page - SPANSION

Part # S75WS256NDFBAWMA
Description  Stacked Multi-Chip Product (MCP)
PDF  216 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S75WS256NDFBAWMA Datasheet(HTML) 43 Page - SPANSION

Back Button S75WS256NDFBAWMA Datasheet HTML 39Page - SPANSION S75WS256NDFBAWMA Datasheet HTML 40Page - SPANSION S75WS256NDFBAWMA Datasheet HTML 41Page - SPANSION S75WS256NDFBAWMA Datasheet HTML 42Page - SPANSION S75WS256NDFBAWMA Datasheet HTML 43Page - SPANSION S75WS256NDFBAWMA Datasheet HTML 44Page - SPANSION S75WS256NDFBAWMA Datasheet HTML 45Page - SPANSION S75WS256NDFBAWMA Datasheet HTML 46Page - SPANSION S75WS256NDFBAWMA Datasheet HTML 47Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 216 page
background image
February 17, 2005 S75WS-N-00_A0
S75WS256Nxx Based MCPs
41
Advance
Information
After the erase operation has been suspended, the bank enters the erase-suspend-read mode.
The system can read data from or program data to any sector not selected for erasure. (The de-
vice erase suspends all sectors selected for erasure.) Reading at any address within erase-
suspended sectors produces status information on DQ7-DQ0. The system can use DQ7, or DQ6,
and DQ2 together, to determine if a sector is actively erasing or is erase-suspended. Refer to
Table 8.23 for information on these status bits.
After an erase-suspended program operation is complete, the bank returns to the erase-suspend-
read mode. The system can determine the status of the program operation using the DQ7 or DQ6
status bits, just as in the standard program operation.
In the erase-suspend-read mode, the system can also issue the Autoselect command sequence.
See Write Buffer Programming and Autoselect for details.
To resume the sector erase operation, the system must write the Erase Resume command. The
bank address of the erase-suspended bank is required when writing this command. Further writes
of the Resume command are ignored. Another Erase Suspend command can be written after the
chip has resumed erasing.
The following is a C source code example of using the erase suspend function. Refer to the
Spansion Low Level Driver User’s Guide (available on www.amd.com and www.fujitsu.com)
for general information on Spansion Flash memory software development guidelines.
/* Example: Erase suspend command */
*( (UINT16 *)bank_addr + 0x000 ) = 0x00B0;
/* write suspend command
*/
The following is a C source code example of using the erase resume function. Refer to the
Spansion Low Level Driver User’s Guide (available on www.amd.com and www.fujitsu.com)
for general information on Spansion Flash memory software development guidelines.
/* Example: Erase resume command */
*( (UINT16 *)bank_addr + 0x000 ) = 0x0030;
/* write resume command
*/
/* The flash needs adequate time in the resume state */
8.5.6
Program Suspend/Program Resume Commands
The Program Suspend command allows the system to interrupt an embedded programming op-
eration or a Write to Buffer programming operation so that data can read from any non-
suspended sector. When the Program Suspend command is written during a programming pro-
cess, the device halts the programming operation within tPSL (program suspend latency) and
updates the status bits. Addresses are don't-cares when writing the Program Suspend command.
Software Functions and Sample Code
Table 8.16 Erase Suspend
(LLD Function = lld_EraseSuspendCmd)
Cycle
Operation
Byte Address
Word Address
Data
1
Write
Bank Address
Bank Address
00B0h
Table 8.17 Erase Resume
(LLD Function = lld_EraseResumeCmd)
Cycle
Operation
Byte Address
Word Address
Data
1
Write
Bank Address
Bank Address
0030h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com