Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

S75WS256NDFBAWMA Datasheet(PDF) 55 Page - SPANSION

Part # S75WS256NDFBAWMA
Description  Stacked Multi-Chip Product (MCP)
PDF  216 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S75WS256NDFBAWMA Datasheet(HTML) 55 Page - SPANSION

Back Button S75WS256NDFBAWMA Datasheet HTML 51Page - SPANSION S75WS256NDFBAWMA Datasheet HTML 52Page - SPANSION S75WS256NDFBAWMA Datasheet HTML 53Page - SPANSION S75WS256NDFBAWMA Datasheet HTML 54Page - SPANSION S75WS256NDFBAWMA Datasheet HTML 55Page - SPANSION S75WS256NDFBAWMA Datasheet HTML 56Page - SPANSION S75WS256NDFBAWMA Datasheet HTML 57Page - SPANSION S75WS256NDFBAWMA Datasheet HTML 58Page - SPANSION S75WS256NDFBAWMA Datasheet HTML 59Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 216 page
background image
February 17, 2005 S75WS-N-00_A0
S75WS256Nxx Based MCPs
53
Advance
Information
9.1
Lock Register
As shipped from the factory, all devices default to the persistent mode when power is applied, and
all sectors are unprotected, unless otherwise chosen through the DYB ordering option. The device
programmer or host system must then choose which sector protection method to use. Program-
ming (setting to 0) any one of the following two one-time programmable, non-volatile bits locks
the part permanently in that mode:
Lock Register Persistent Protection Mode Lock Bit (DQ1)
Lock Register Password Protection Mode Lock Bit (DQ2)
For programming lock register bits refer to Table 13.2.
Notes
1. If the password mode is chosen, the password must be programmed before setting the cor-
responding lock register bit.
2. After the Lock Register Bits Command Set Entry command sequence is written, reads and
writes for Bank 0 are disabled, while reads from other banks are allowed until exiting this
mode.
3. If both lock bits are selected to be programmed (to zeros) at the same time, the operation
aborts.
4. Once the Password Mode Lock Bit is programmed, the Persistent Mode Lock Bit is permanently
disabled, and no changes to the protection scheme are allowed. Similarly, if the Persistent
Mode Lock Bit is programmed, the Password Mode is permanently disabled.
After selecting a sector protection method, each sector can operate in any of the following three
states:
1.
Constantly locked. The selected sectors are protected and can not be reprogrammed unless
PPB lock bit is cleared via a password, hardware reset, or power cycle.
2.
Dynamically locked. The selected sectors are protected and can be altered via software
commands.
3. Unlocked. The sectors are unprotected and can be erased and/or programmed.
These states are controlled by the bit types described in Sections 9.2–9.6.
9.2
Persistent Protection Bits
The Persistent Protection Bits are unique and nonvolatile for each sector and have the same en-
durances as the Flash memory. Preprogramming and verification prior to erasure are handled by
the device, and therefore do not require system monitoring.
Table 9.1 Lock Register
Device
DQ15-05
DQ4
DQ3
DQ2
DQ1
DQ0
S29WS256N
1
1
1
Password
Protection
Mode Lock Bit
Persistent
Protection
Mode Lock Bit
Customer
Secured Silicon
Sector
Protection Bit
S29WS128N/
S29WS064N
Undefined
DYB Lock Boot Bit
0 = sectors
power up
protected
1 = sectors
power up
unprotected
PPB One-Time
Programmable Bit
0 = All PPB erase
command disabled
1 = All PPB Erase
command enabled
Password
Protection
Mode Lock Bit
Persistent
Protection
Mode Lock Bit
Secured Silicon
Sector
Protection Bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com