Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

S75WS256NDFBAWMA Datasheet(PDF) 87 Page - SPANSION

Part # S75WS256NDFBAWMA
Description  Stacked Multi-Chip Product (MCP)
PDF  216 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S75WS256NDFBAWMA Datasheet(HTML) 87 Page - SPANSION

Back Button S75WS256NDFBAWMA Datasheet HTML 83Page - SPANSION S75WS256NDFBAWMA Datasheet HTML 84Page - SPANSION S75WS256NDFBAWMA Datasheet HTML 85Page - SPANSION S75WS256NDFBAWMA Datasheet HTML 86Page - SPANSION S75WS256NDFBAWMA Datasheet HTML 87Page - SPANSION S75WS256NDFBAWMA Datasheet HTML 88Page - SPANSION S75WS256NDFBAWMA Datasheet HTML 89Page - SPANSION S75WS256NDFBAWMA Datasheet HTML 90Page - SPANSION S75WS256NDFBAWMA Datasheet HTML 91Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 216 page
background image
February 17, 2005 S75WS-N-00_A0
S75WS256Nxx Based MCPs
85
Advance
Information
12.8.8
BGA Ball Capacitance
Notes:
1. Sampled, not 100% tested.
2. Test conditions TA = 25°C; f = 1.0 MHz.
3. The content in this document is Advance information for the S29WS064N and S29WS128N. Content in this document
is Preliminary for the S29W256N.
Parameter Symbol
Parameter Description
Test Setup
Typ.
Max
Unit
CIN
Input Capacitance
VIN = 0
5.3
6.3
pF
COUT
Output Capacitance
VOUT = 0
5.8
6.8
pF
CIN2
Control Pin Capacitance
VIN = 0
6.3
7.3
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com