Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

S75WS256NDFBAWMA Datasheet(PDF) 32 Page - SPANSION

Part # S75WS256NDFBAWMA
Description  Stacked Multi-Chip Product (MCP)
PDF  216 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S75WS256NDFBAWMA Datasheet(HTML) 32 Page - SPANSION

Back Button S75WS256NDFBAWMA Datasheet HTML 28Page - SPANSION S75WS256NDFBAWMA Datasheet HTML 29Page - SPANSION S75WS256NDFBAWMA Datasheet HTML 30Page - SPANSION S75WS256NDFBAWMA Datasheet HTML 31Page - SPANSION S75WS256NDFBAWMA Datasheet HTML 32Page - SPANSION S75WS256NDFBAWMA Datasheet HTML 33Page - SPANSION S75WS256NDFBAWMA Datasheet HTML 34Page - SPANSION S75WS256NDFBAWMA Datasheet HTML 35Page - SPANSION S75WS256NDFBAWMA Datasheet HTML 36Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 216 page
background image
30
S75WS256Nxx Based MCPs
S75WS-N-00_A0 February 17, 2005
Ad van c e
Inf o rmation
The Autoselect command sequence may be written to an address within a bank that is either
in the read or erase-suspend-read mode.
The Autoselect command may not be written while the device is actively programming or
erasing. Autoselect does not support simultaneous operations or burst mode.
The system must write the reset command to return to the read mode (or erase-suspend-
read mode if the bank was previously in Erase Suspend).
See Table 13.1 for command sequence details.
Table 8.9 Autoselect Addresses
Description
Address
Read Data
Manufacturer ID
(BA) + 00h
0001h
Device ID, Word 1
(BA) + 01h
227Eh
Device ID, Word 2
(BA) + 0Eh
2230 (WS256N)
2231 (WS128N)
2232 (WS064N)
Device ID, Word 3
(BA) + 0Fh
2200
Indicator Bits
(See Note)
(BA) + 03h
DQ15 - DQ8 = Reserved
DQ7 (Factory Lock Bit): 1 = Locked, 0 = Not Locked
DQ6 (Customer Lock Bit): 1 = Locked, 0 = Not Locked
DQ5 (Handshake Bit): 1 = Reserved, 0 = Standard Handshake
DQ4, DQ3 (WP# Protection Boot Code): 00 = WP# Protects both Top Boot and
Bottom Boot Sectors. 01, 10, 11 = Reserved
DQ2 = Reserved
DQ1 (DYB Power up State [Lock Register DQ4]): 1 = Unlocked (user option),
0 = Locked (default)
DQ0 (PPB Eraseability [Lock Register DQ3]): 1 = Erase allowed,
0 = Erase disabled
Sector Block Lock/
Unlock
(SA) + 02h
0001h = Locked, 0000h = Unlocked
Note: For WS128N and WS064, DQ1 and DQ0 are reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com