Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

S75WS256NDFBAWMA Datasheet(PDF) 60 Page - SPANSION

Part # S75WS256NDFBAWMA
Description  Stacked Multi-Chip Product (MCP)
PDF  216 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S75WS256NDFBAWMA Datasheet(HTML) 60 Page - SPANSION

Back Button S75WS256NDFBAWMA Datasheet HTML 56Page - SPANSION S75WS256NDFBAWMA Datasheet HTML 57Page - SPANSION S75WS256NDFBAWMA Datasheet HTML 58Page - SPANSION S75WS256NDFBAWMA Datasheet HTML 59Page - SPANSION S75WS256NDFBAWMA Datasheet HTML 60Page - SPANSION S75WS256NDFBAWMA Datasheet HTML 61Page - SPANSION S75WS256NDFBAWMA Datasheet HTML 62Page - SPANSION S75WS256NDFBAWMA Datasheet HTML 63Page - SPANSION S75WS256NDFBAWMA Datasheet HTML 64Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 216 page
background image
58
S75WS256Nxx Based MCPs
S75WS-N-00_A0 February 17, 2005
Ad van c e
Inf o rmation
Figure 9.3 Lock Register Program Algorithm
Write Unlock Cycles:
Address 555h, Data AAh
Address 2AAh, Data 55h
Write
Enter Lock Register Command:
Address 555h, Data 40h
Program Lock Register Data
Address XXXh, Data A0h
Address 77h*, Data PD
Unlock Cycle 1
Unlock Cycle 2
XXXh = Address don’t care
* Not on future devices
Program Data (PD): See text for Lock Register
definitions
Caution: Lock register can only be progammed
once.
Wait 4
µs
PASS. Write Lock Register
Exit Command:
Address XXXh, Data 90h
Address XXXh, Data 00h
Device returns to reading array.
Perform Polling Algorithm
(see Write Operation Status
flowchart)
Yes
Yes
No
No
Done?
DQ5 = 1?
Error condition (Exceeded Timing Limits)
FAIL. Write rest command
to return to reading array.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com