Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

COPPERCATALOG Datasheet(PDF) 14 Page - Amphenol Aerospace Operations

Part # COPPERCATALOG
Description  High Frequency Contacts
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAO [Amphenol Aerospace Operations]
Direct Link  https://www.amphenol-aerospace.com/
Logo AAO - Amphenol Aerospace Operations

COPPERCATALOG Datasheet(HTML) 14 Page - Amphenol Aerospace Operations

Back Button COPPERCATALOG Datasheet HTML 10Page - Amphenol Aerospace Operations COPPERCATALOG Datasheet HTML 11Page - Amphenol Aerospace Operations COPPERCATALOG Datasheet HTML 12Page - Amphenol Aerospace Operations COPPERCATALOG Datasheet HTML 13Page - Amphenol Aerospace Operations COPPERCATALOG Datasheet HTML 14Page - Amphenol Aerospace Operations COPPERCATALOG Datasheet HTML 15Page - Amphenol Aerospace Operations COPPERCATALOG Datasheet HTML 16Page - Amphenol Aerospace Operations COPPERCATALOG Datasheet HTML 17Page - Amphenol Aerospace Operations COPPERCATALOG Datasheet HTML 18Page - Amphenol Aerospace Operations Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 56 page
background image
Contact Amphenol Aerospace for more information at 800-678-0141 • www.amphenol-aerospace.com
225
Amphenol
Aerospace
II
Dualok
III
SJT
38999
I
PCB
Accessories
Aquacon
HD
Herm/Seal
Fiber
Optics
Contacts
Connectors
Cables
HigH
Speed
Quadrax Contacts for MIL-DTL-38999
Series III, Application Data
TV-R Series, MIL-DTL-38999 Series III* Connectors
QUADRAX CONTACTS FOR USE IN TV-R CONNECTORS
Cable
Contact Part Number
(Termination Instruction Sheet)**
Impedance
(Ohms)
Inner
Conductor
(AWG)
Contact
Size
Electrical
Protocol††
Crimping Tools
Pin
Socket
Inner Contact Outer Contact
Draka Fileca F-4703-3, F4704-4,
Filotex ET 2PC236, Filotex
ET2PF870, PICWire E50424
ABS0972,Tensolite
23450/04090X-4(LD) Draka Fileca
F-4704-5, ABS1503 KD 24
21-033384-021
(L-2119-A)
21-033385-021
(L-2119-A)
100
24
8
Ethernet, 1000 Base-T
Gigabit Ethernet
M22520/2-01
with Positioner
M22520/2-37
or with Daniels
Positioner
K709
M22520/5-01
with Die Set
M22520/5-45
(Location A)
Tensolite NF24Q100, NF24Q100-01,
24443/9P025X-4(LD), S280W502-4,
24443/03130X-4(LD),
24443/C20714X-4(LD),
24450/0120X-4(LD),
NF24-2Q100,TYCO CEC-
RWC-18664, GORE GSC-01-
81869-01, 24443/03166X-4(LD),
ThermaxT956-4T200, PicWire
E51424,Thermax MX100Q-24,
NF24Q100-01-200C (Space),
BMS13-72T03C04G024
21-033384-051
(L-2119-D)
21-033385-051
(L-2119-D)
24
Ethernet, 1000 Base-T
Gigabit Ethernet
Tensolite NF22Q100,
NF22Q100-01,Thermax 956-5,
GORE RCN 7688
21-033384-061
(L-2119-H)
21-033385-061
(L-2119-H)
22
Ethernet (100 Mbps),
1000 Base-T Gigabit
Ethernet (1 Gbps)
Tensolite NF26Q100, NF26Q100-01,
NF26-2Q100, PIC E51426,
WireneticsW-3714-379
21-033384-071
(L-2119-AB)
21-033385-071
(L-2119-AB)
26
Ethernet (100 Mbps),
1000 Base-T Gigabit
Ethernet (1 Gbps)
S280W502-4/BMS13-
72T03C04G024
21-033384-141
(BACC47GM1)
21-033385-141
(BACC45GN1)
24
Draka Fileca F-4704-6,
Gore RCN 8672
21-033384-151
(L-2119-AW)
21-033385-151
(L-2119-AW)
26
Ethernet (100 Mbps),
1000 Base-T Gigabit
Ethernet (1 Gbps)
Tensolite NF24Q100-01 (same as
21-03338( )
-51, uses EMI Piggyback)
21-033384-161
(L-2119-BE)
21-033385-161
(L-2119-BE)
24
Ethernet (100 Mbps),
1000 Base-T Gigabit
Ethernet (1 Gbps)
Gore RCN8513, JSFY18-3
21-033384-171
(L-2119-BN)
21-033385-171
(L-2119-BN)
22
Ethernet (100 Mbps),
1000 Base-T Gigabit
Ethernet (1 Gbps)
Tensolite NF22Q100 Special Box
pattern, only mates with 21-0333
( )-181
21-033384-181
(L-2119-BP)
21-033384-181
(L-2119-BP)
22
Ethernet (100 Mbps),
1000 Base-T Gigabit
Ethernet (1 Gbps)
Tensolite NF24Q100, NF24Q100-01
for 2 5 Gbps applications
21-033384-191
(L-2119-BS)
21-033385-191
(L-2119-BS)
24
•Serial FPDPApplications
(2.5 Gbps) (Typical app
run at 150 Ohms)
• HDMI 1.3
Gore RCN 8647, RCN 8687
21-033384-301 21-033385-301
24
USB2 (28433/02171LX-4)
21-033384-101† 21-033385-101†
90
USB2.0 (480 Mbps)
Tensolite 24450/03089X-4(LD)
Gore RCN8647
21-033384-211 21-033385-211
110
24
IEEE 1394B Firewire
JSFY02-1, JSFY18
21-033384-221 21-033385-221
24
IEEE 1394B Firewire
Gore RCN8487, JSFY18
21-033384-231 21-033385-231
24
IEEE 1394B Firewire
Tensolite 24450/03089X-4(LD)
Same as 21-03338( )-211 but Box
pattern, mates with 21-03338( )-241
only
21-033384-241† 21-033385-241†
24
IEEE 1394B Firewire
F-4703, ABS1503KD24
21-033384-281 21-033385-281
100
Meets EN3155-074
Tensolite 26473/02006X-4(LD)/Gore
RCN8328 (not for new designs, use
21-033450/1 series)
21-033384-31
(L-2119-B)
21-033385-031
(L-2119-B)
150
26
Daniels crimping tools available from Daniels Mfg Corp 6103 Anno Ave ,
Orlando, FL 32809
* Requires modified connector to accommodate keyed contacts
**Termination instructions are packaged with each contact and can be
found on-line at: www amphenol-aerospace com/serviceinstructions asp
† Consult Amphenol for current release of this contact or instruction sheet if applicable
†† Test reports available for indicated protocols Consult Amphenol
Aerospace Typical applications run at 150 Ohms
CHART CONTINUES ON NEXT PAGE
QUADRAX CONTACT DATA
Contacts are inserted by hand Refer to termination instructions listed Contacts are
removed with a removal tool Recommended tool is MIL-I-81969/14-06, Daniels DRK-264-8
Refer to termination instructions listed Finish of mating contact parts: Contact part numbers
shown in the chart above are supplied gold plated per ASTM B488Type II, Code C, 000050
min thick over nickel plate per AMS-QQ-N-290, Class 2, 000030/ 000150 thick



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com