Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

COPPERCATALOG Datasheet(PDF) 28 Page - Amphenol Aerospace Operations

Part # COPPERCATALOG
Description  High Frequency Contacts
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAO [Amphenol Aerospace Operations]
Direct Link  https://www.amphenol-aerospace.com/
Logo AAO - Amphenol Aerospace Operations

COPPERCATALOG Datasheet(HTML) 28 Page - Amphenol Aerospace Operations

Back Button COPPERCATALOG Datasheet HTML 24Page - Amphenol Aerospace Operations COPPERCATALOG Datasheet HTML 25Page - Amphenol Aerospace Operations COPPERCATALOG Datasheet HTML 26Page - Amphenol Aerospace Operations COPPERCATALOG Datasheet HTML 27Page - Amphenol Aerospace Operations COPPERCATALOG Datasheet HTML 28Page - Amphenol Aerospace Operations COPPERCATALOG Datasheet HTML 29Page - Amphenol Aerospace Operations COPPERCATALOG Datasheet HTML 30Page - Amphenol Aerospace Operations COPPERCATALOG Datasheet HTML 31Page - Amphenol Aerospace Operations COPPERCATALOG Datasheet HTML 32Page - Amphenol Aerospace Operations Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 56 page
background image
Contact Amphenol Aerospace for more information at 800-678-0141 • www.amphenol-aerospace.com
239
Amphenol
Aerospace
II
Dualok
III
SJT
38999
I
PCB
Accessories
Aquacon
HD
Herm/Seal
Fiber
Optics
Contacts
Connectors
Cables
HigH
Speed
Part Number
Impedance
(Ohms)
21-033833-201
100
21-033833-281
140 PCB tail length
.0223 .0010 SQUARE
OR
.0290 ±.0010 DIA. ROUND
PCB TAILS, 4 PLACES
.020 ±.001 DIA.
PCB TAILS 2 PLACES
.100
.110 REF.
.100
.050
.305
REF.
.244
REF.
.484
REF.
Part Number
Cable Type*
Impedance
(Ohms)
21-033833-241
Calmont 3007-1923-12-7
100
21-033833-261
Tensolite 26453/03184X-2LD
Thermax 956-626Z
21-033833-211**
Calmont 3007-1923-12-7
* See page 240 for information on other cable terminations
** Same as -241 with extended ferrule for added cable support
Jam Nut Receptacle, Style 1
Smaller diameter front shell requires a smaller mounting D-hole
dimension in panel
Part Number
Cable Type*
Impedance
(Ohms)
21-033833-251
Calmont 3007-1923-12-7
100
21-033833-271
Tensolite 26453/03184X-2LD
Thermax 956-626Z
21-033833-231**
Calmont 3007-1923-12-7
* See page 240 for information on other cable terminations
** Same as -251 with extended ferrule for added
cable support
.235
FLAT
MAX.
.559 REF.
.405 REF.
.200
PANEL
MAX.
.250-36 UNS-24
THREAD
.3125 HEX NUT
LOCK WASHER
.3125 HEX
Jam nut receptacle,
Style 1, mated
to plug
Jam nut receptacle,
Style 2, mated
to plug
.339
FLAT
MAX.
.545 REF.
.450 DIA. REF.
2 PLACES
.405 REF.
.150
PANEL
MAX.
.375-24 UNS-2A
THREAD
.425 HEX NUT
LOCK WASHER
.425 HEX
Jam Nut Receptacle, Style 2
Has a larger diameter front shell than Style 1 Requires a larger
mounting D-hole in panel
Micro D-Twinax Transition Adapters
Push-Pull Quick Disconnect Interconnects
Micro D-Twinax Transition Adapter Jam Nut Receptacles
Micro D-Twinax Transition Adapter 90° PCB Receptacle
90 Degree
receptacle mated
to plug
All dimensions for reference only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com