Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

COPPERCATALOG Datasheet(PDF) 20 Page - Amphenol Aerospace Operations

Part # COPPERCATALOG
Description  High Frequency Contacts
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAO [Amphenol Aerospace Operations]
Direct Link  https://www.amphenol-aerospace.com/
Logo AAO - Amphenol Aerospace Operations

COPPERCATALOG Datasheet(HTML) 20 Page - Amphenol Aerospace Operations

Back Button COPPERCATALOG Datasheet HTML 16Page - Amphenol Aerospace Operations COPPERCATALOG Datasheet HTML 17Page - Amphenol Aerospace Operations COPPERCATALOG Datasheet HTML 18Page - Amphenol Aerospace Operations COPPERCATALOG Datasheet HTML 19Page - Amphenol Aerospace Operations COPPERCATALOG Datasheet HTML 20Page - Amphenol Aerospace Operations COPPERCATALOG Datasheet HTML 21Page - Amphenol Aerospace Operations COPPERCATALOG Datasheet HTML 22Page - Amphenol Aerospace Operations COPPERCATALOG Datasheet HTML 23Page - Amphenol Aerospace Operations COPPERCATALOG Datasheet HTML 24Page - Amphenol Aerospace Operations Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 56 page
background image
Contact Amphenol Aerospace for more information at 800-678-0141 • www.amphenol-aerospace.com
231
Amphenol
Aerospace
II
Dualok
III
SJT
38999
I
PCB
Accessories
Aquacon
HD
Herm/Seal
Fiber
Optics
Contacts
Connectors
Cables
HigH
Speed
Differential Twinax Contacts, MIL-DTL-38999
Series III, General Description
Amphenol® Differential Twinax Contacts -Offer
several advantages for high data transfer rates, low power consumption
and excellent EMI compatibility:
• Two strategically spaced inner contacts form two 100 or 150 Ohm
matched impedance differential pairs
• Outer contact has rugged wall section for durability
• Available in size 8 crimp termination style
• Also available in size 8 with PC tails
• Requires modification of MIL-DTL-38999 connector to
accommodate keyed contacts
Differential Twinax Contacts are Gold
plated, Crimp Termination
Finish of mating contact parts: supplied with
0 000050 min gold over nickel on mating parts
Consult Amphenol for availability of
other finishes
Differential Twinax Size
8 Contact Performance:
• Bandwidth: Up to 1 25 GHz
• Data Rate: Exceeding 2 5 Gbps
• Voltage Rating: 500 Vrms max @ sea level
• Dielectric Withstanding Voltage:
1000 VAC rms between all inner contacts @
sea level 500 VAC rms between inner and
outer contacts @ sea level
Cable Illustration - Differential Twinax Contact
TYPICAL DIFFERENTIAL
TWINAX SOCKET
CONTACT has socket
outer contact with a
socket inner contact
TYPICAL DIFFERENTIAL
TWINAX PIN CONTACT
has pin outer contact with
a pin inner contact
Differential Twinax Socket Contact
BRAID
JACKET
INSULATION
(2) CENTER
CONDUCTORS
Suggested Numbering
or Differential Twinax Contacts
2
1
12
ORIENTATION
KEY
PIN CONTACT
MATING FACE
SOCKET CONTACT
MATING FACE
Differential Twinax Pin Contact



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com