Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

COPPERCATALOG Datasheet(PDF) 35 Page - Amphenol Aerospace Operations

Part # COPPERCATALOG
Description  High Frequency Contacts
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAO [Amphenol Aerospace Operations]
Direct Link  https://www.amphenol-aerospace.com/
Logo AAO - Amphenol Aerospace Operations

COPPERCATALOG Datasheet(HTML) 35 Page - Amphenol Aerospace Operations

Back Button COPPERCATALOG Datasheet HTML 31Page - Amphenol Aerospace Operations COPPERCATALOG Datasheet HTML 32Page - Amphenol Aerospace Operations COPPERCATALOG Datasheet HTML 33Page - Amphenol Aerospace Operations COPPERCATALOG Datasheet HTML 34Page - Amphenol Aerospace Operations COPPERCATALOG Datasheet HTML 35Page - Amphenol Aerospace Operations COPPERCATALOG Datasheet HTML 36Page - Amphenol Aerospace Operations COPPERCATALOG Datasheet HTML 37Page - Amphenol Aerospace Operations COPPERCATALOG Datasheet HTML 38Page - Amphenol Aerospace Operations COPPERCATALOG Datasheet HTML 39Page - Amphenol Aerospace Operations Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 56 page
background image
246
Contact Amphenol Aerospace for more information at 800-678-0141 • www.amphenol-aerospace.com
Amphenol
Aerospace
Dualok
III
SJT
38999
PCB
HD
I
II
Accessories
Herm/Seal
Aquacon
Fiber
Optics
Contacts
Connectors
Cables
HIgH
SPeeD
Coaxial Contacts for MIL-DTL-38999
Application Data, cont
LJT-R, MIL-DTL-38999 Series I; TV-R, MIL-DTL-38999 Series III; Amphe-Lite and SJT-R
Series, SAE AS39029 (28, 59, 60, 75, 76, 77)
COAX CONTACTS FOR USE IN LJT-R, TV-R, AMPHE-LITE AND SJT-R CONNECTORS
Cable
Contact Part Number
Contact
Size
Crimping Tools
Installation Tools
Pin
Socket
Inner Contact
Crimp Ferrule
Insertion
Removal
RG-178B/U, RG-196A/U
21-033122-564
(M39029/76-425)
(L-2035-AG)
21-033123-564
(M39029/77-429)
(L-2035-AJ
16
M22520/2-01
with Positioner
M22520/2-35
or with
Daniels Positioner
K532
M22520/4-01
with Positioner
M22520/4-02
M81969/8-07
or
M81969/14-03
or
Amphenol
11-8674-16
11-8794-16
or
MS27495A16
or
MS27534-16
M81969/8-08
or
M81969/14-03
or
Amphenol
11-8675-16
11-8795-16
or
MS27495R16
or
MS27534-16
Haveg 30-00761, 30-02024,
30-02033
Tensolite 24713/A955KK1,
26723/A955KK1
21-033122-562†
(L-2035-AN)
21-033123-562†
(L-2035-AR)
†
Haveg 61-02051
21-033122-561†
(L-2035-AK)
†
21-033123-561†
(L-2035-AM)
†
RG-174A/U, RG-188A/U,
RG-316/U,
RG-161/U RG-187A/U,
RG-179B/U,
Haveg 8100207, Times
(HS-179)
Raychem 7528H1424
AA3248, Teledyne 11299
21-033122-563
(M39029/76-424)
(L-2035-AD)
21-033123-563
(M39029/77-428)
(L-2035-AF)
21-033122-546
(M39029/28-211)
(L-2035-F)
21-033123-546
(M39029/75-416)
(L-2035-H)
12
M22520/2-01
with Positioner
M22520/2-34
or with
Daniels Positioner
K323
M22520/31-01
with Positioner
M22520/31-02
or
Daniels
GS-200 Tool
with Positioner
G2P330
M81969/8-09
or
M81969/14-04
or
Amphenol
11-8674-12
11-8794-12
or
MS27495A12
or
MS27534-12
M81969/8-10
or
M81969/14-04
or
Amphenol
11-8675-12
11-8795-12
or
MS27495R12
or
MS27534-12
RG-180B/U, RG-195A/U,
Raychem 9528A1318
21-033122-541
(M39029/28-409)
(L-2035-C)
21-033123-541
(M39029/75-417)
(L-2035-D)
Raychem 5022E5111
21-033122-543†
(L-2035-M)
†
21-033123-543†
(L-2035-P)
Raychem 9530A5314
21-033122-544†
(L-2035R)
21-033123-544†
(L-2035-T)
†
Raychem 9527A1318
21-033122-545†
(L-2035-U)
†
21-033123-545†
(L-2035-W)
Raychem 9527A1314
21-033122-585
(L-2035-GG)
21-033123-585
(L-2035-GH)
Gore GWN1159A, Nexans
RG179-DT
21-033122-547
(L-2035-X)
†
21-033123-547
(L-2035-Z)
†
M/A-Com 5M2869-001
21-033122-589
(L-2035-GR)
21-033123-589
(L-2035-GT)
RG-187A/U, RG-179B/U,
RG-174A/U,
RG-188A/U, RG-316/U,
RG-161/U
Haveg 8100207, Times
(HS-179)AA3248, Teledyne
11299
21-033102-023†
(L-1107-C)
21-033101-023†
(L-1107-G)
8
M22520/2-01
with Positioner
M22520/2-31††
or solder
M22520/5-01
with die set
M22520/5-03 (A)
or M22520/5-08
(A)
M22520/5-35 (B)
or M22520/10-01
with Die Set
M22520/10-05
(A)
Hand
inserted
11-9170
or
MS
RG-142B/U, RG-223/U,
SF-142 (solder inner
conductor)
21-033102-024*
(L-1107-D)
21-033101-024*
(L-1107-H)
M22520/5-01
with die set
M22520/5-05 (A)
or M22520/5-19
(B)
or M22520/10-01
with Die Set
M22520/10-07
(A)
NOTE: SAE AS39029 supersedes MIL-C-39029
CRIMPING TOOLS: Italicized letters in parenthesis that follow positioner part
numbers indicate applicable die closure Commercial equivalents with the same
die closure dimension may be used
CHART CONTINUES ON NEXT PAGE
† Consult Amphenol Aerospace for current release of this contact or
instruction sheet if applicable
†† When inner contact is installed by crimping only 11-10134 Expander Tool
Kit must be used to assemble rear insulator over contact
**Termination instructions are packaged with each contact and can be found
on-line at: www amphenol-aerospace com/serviceinstructions asp



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com