Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

COPPERCATALOG Datasheet(PDF) 56 Page - Amphenol Aerospace Operations

Part # COPPERCATALOG
Description  High Frequency Contacts
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAO [Amphenol Aerospace Operations]
Direct Link  https://www.amphenol-aerospace.com/
Logo AAO - Amphenol Aerospace Operations

COPPERCATALOG Datasheet(HTML) 56 Page - Amphenol Aerospace Operations

Back Button COPPERCATALOG Datasheet HTML 48Page - Amphenol Aerospace Operations COPPERCATALOG Datasheet HTML 49Page - Amphenol Aerospace Operations COPPERCATALOG Datasheet HTML 50Page - Amphenol Aerospace Operations COPPERCATALOG Datasheet HTML 51Page - Amphenol Aerospace Operations COPPERCATALOG Datasheet HTML 52Page - Amphenol Aerospace Operations COPPERCATALOG Datasheet HTML 53Page - Amphenol Aerospace Operations COPPERCATALOG Datasheet HTML 54Page - Amphenol Aerospace Operations COPPERCATALOG Datasheet HTML 55Page - Amphenol Aerospace Operations COPPERCATALOG Datasheet HTML 56Page - Amphenol Aerospace Operations  
Zoom Inzoom in Zoom Outzoom out
 56 / 56 page
background image
Contact Amphenol Aerospace for more information at 800-678-0141 • www.amphenol-aerospace.com
267
Amphenol
Aerospace
II
Dualok
III
SJT
38999
I
PCB
Accessories
Aquacon
HD
Herm/Seal
Fiber
Optics
Contacts
Connectors
Cables
HigH
Speed
Guide for Selecting High Frequency
Contacts and Cables
The following check list is provided to help you specify a high
frequency contact and cable system, and it will help our design
team to meet your requirements. You may copy this page and fax it
to Amphenol Aerospace 607-563-5157, attention Contact Design.
Or call 607-563-5011 or 800-678-0141 for assistance.
CUSTOMER INFORMATION
Customer Company Name__________________________________________
Engineer Name ___________________________________________________
Program ________________________________________________________
Forecast_________________________________________________________
Date______________________________________________
Amphenol
Salesperson________________________________________
CONNECTOR INFORMATION
Connector Family: TV-R c
LJT-R c
JT-R c
Other ________________________________________
Insert Arrangement Desired___________________________
Shell Style _________________________________________
Shell Plating _______________________________________
PERFORMANCE INFORMATION
Electrical Protocol ________________________________________________________________________________________________
VSWR Requirement 1 to 1 _________________
Cross Talk__________________________ db
Operating Frequency _____________________
Attenuation___________________________
Insertion Loss __________________
Operating Voltage ____________________
VAC (RMS) _________________DC
Current Outer Contact______________
Application Temperature __________________
Environmental Requirement_________________________________________
CONTACT INFORMATION
Type:
Coaxial c Concentric Twinax c
Triax c
Differential Twinax* c
Quadrax* c
Size*:
8 c
12 c
16 c
Contact Impedance Matched? Yes c
No c
50
W c
75
W c
100
W c 150W c Other_______
* Quadrax and Differential Twinax currently available in
size 8 only
CABLE INFORMATION
Cable Part Number* __________________________________________
Cable Manufacturer __________________________________________
Cable Type: Coaxial c
Twinax c
Triax c
Quadrax c
Cable Impedance ___________________________________
* if not an RG-Number complete below information:
O D of Inner Wire ________________________
AWG of Inner Wires _____________________
No of Inner Wire Strands __________________
Material of Inner Wires __________________
O D of Inner Insulation ____________________
Material of Inner Insulation ______________
O D of First Braid_________________________
Braid Type ____________________________
Braid AWG _____________________
(flat, round, wrap)
O D of First Jacket________________________
Jacket Material ________________________
O D of Second Braid ______________________
Braid Type ____________________________
Braid AWG _____________________
(flat, round, wrap)
O D of Second Jacket _____________________
Jacket Material ________________________
It is essential that a 3 foot sample of the cable be supplied for performance and crimp tool development
Amp
Current Inner Contacts ________________ Amp



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com