Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

COPPERCATALOG Datasheet(PDF) 18 Page - Amphenol Aerospace Operations

Part # COPPERCATALOG
Description  High Frequency Contacts
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAO [Amphenol Aerospace Operations]
Direct Link  https://www.amphenol-aerospace.com/
Logo AAO - Amphenol Aerospace Operations

COPPERCATALOG Datasheet(HTML) 18 Page - Amphenol Aerospace Operations

Back Button COPPERCATALOG Datasheet HTML 14Page - Amphenol Aerospace Operations COPPERCATALOG Datasheet HTML 15Page - Amphenol Aerospace Operations COPPERCATALOG Datasheet HTML 16Page - Amphenol Aerospace Operations COPPERCATALOG Datasheet HTML 17Page - Amphenol Aerospace Operations COPPERCATALOG Datasheet HTML 18Page - Amphenol Aerospace Operations COPPERCATALOG Datasheet HTML 19Page - Amphenol Aerospace Operations COPPERCATALOG Datasheet HTML 20Page - Amphenol Aerospace Operations COPPERCATALOG Datasheet HTML 21Page - Amphenol Aerospace Operations COPPERCATALOG Datasheet HTML 22Page - Amphenol Aerospace Operations Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 56 page
background image
Contact Amphenol Aerospace for more information at 800-678-0141 • www.amphenol-aerospace.com
229
Amphenol
Aerospace
II
Dualok
III
SJT
38999
I
PCB
Accessories
Aquacon
HD
Herm/Seal
Fiber
Optics
Contacts
Connectors
Cables
HigH
Speed
PERFORMANCE
DATA
The following graphs
on this page and the
next page provide
performance data on
Amphenol® 10GBASE
signal integrity (SI)
quadrax contacts
Testing was done with
2 mated contacts
terminated on both
ends of 1 meter
Thermax cable
Insertion Loss
S-Parameters Magnitude
S1, 2
0
-0.5
-1.0
-1.5
-2.0
-2.5
-3.0
-3.5
-4.0
-4.5
-5.0
-5.5
-6.0
-6.5
0.1
0.2
0.3
0.4
0.6 0.7 0.8
1
2
3
4
5
0.5
Frequency / GHz
Return Loss
S-Parameters Magnitude
S1, 1
0
-5
-10
-15
-20
-25
-30
-35
-40
-45
-50
0.1
0.2
0.3
0.4
0.6 0.7 0.8
1
2
3
4
5
0.5
Frequency / GHz
Frequency (GHz) Insertion Loss (dB) Return Loss (dB) NEXT (dB)
FEXT (dB)
0 1
0 09
35 68
62 36
59 29
0 24
0 22
36 44
42 87
62 25
0 5
0 45
43 66
43 63
55 22
0.625
0 57
43 49
53 68
43 53
1
0 98
17 82
49 26
48 33
1 25
1 29
15 1
43 57
44 12
1 5
1 47
17 94
46 02
40 78
1.7
1 86
12 23
48 01
47 23
2
2 11
12 9
37 45
38 12
2 5
2 42
15 97
29 9
31 52
3
2 86
16 52
35 94
29 36
For use with the following, but not limited to,
electrical protocols:
10/100/1000/10GBASE-T Ethernet
• DVI
• USB 2 0
• Serial Rapid IO (up to 3 125 Gbps)
• PCI-Express 2 0
• HDMI 1 3a
• SATA 2 0 (up to 3 GHz)
FREQUENCIES OF INTEREST
New “Split-Pair” Quadrax Contacts
Frequencies & Performance Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com