Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

COPPERCATALOG Datasheet(PDF) 37 Page - Amphenol Aerospace Operations

Part # COPPERCATALOG
Description  High Frequency Contacts
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAO [Amphenol Aerospace Operations]
Direct Link  https://www.amphenol-aerospace.com/
Logo AAO - Amphenol Aerospace Operations

COPPERCATALOG Datasheet(HTML) 37 Page - Amphenol Aerospace Operations

Back Button COPPERCATALOG Datasheet HTML 33Page - Amphenol Aerospace Operations COPPERCATALOG Datasheet HTML 34Page - Amphenol Aerospace Operations COPPERCATALOG Datasheet HTML 35Page - Amphenol Aerospace Operations COPPERCATALOG Datasheet HTML 36Page - Amphenol Aerospace Operations COPPERCATALOG Datasheet HTML 37Page - Amphenol Aerospace Operations COPPERCATALOG Datasheet HTML 38Page - Amphenol Aerospace Operations COPPERCATALOG Datasheet HTML 39Page - Amphenol Aerospace Operations COPPERCATALOG Datasheet HTML 40Page - Amphenol Aerospace Operations COPPERCATALOG Datasheet HTML 41Page - Amphenol Aerospace Operations Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 56 page
background image
248
Contact Amphenol Aerospace for more information at 800-678-0141 • www.amphenol-aerospace.com
Amphenol
Aerospace
Dualok
III
SJT
38999
PCB
HD
I
II
Accessories
Herm/Seal
Aquacon
Fiber
Optics
Contacts
Connectors
Cables
HIgH
SPeeD
Matched Impedance Coaxial Contacts
for MIL-DTL-38999
TYPICAL MATCHED IMPEDANCE
COAX SOCKET CONTACT
has socket outer contact with a captivated
pin inner contact
TYPICAL MATCHED IMPEDANCE
COAX PIN CONTACT
has pin outer contact with a captivated
socket inner contact
The matched impedance coax contact is available in size 12 It incorporates a captivated
inner contact which“snaps into”the outer contact preventing displacement or
pull-back of the inner contact in situations where the cable may be bent
Design features and benefits of the Matched Impedance:
• For use in 90 degree angle or bent cable applications
• Provides 50 ohm matched impedance resulting in low VSWR
and low insertion loss
• Frequency range for a mated pair extends to 3 GHz and beyond,
higher than other coaxial contacts previously offered
• Ideally suited for D38999 high performance and MIL-STD-1760
high band coaxial contact requirements
High Performance Size 12 and 8 Coax
50 or 75 Ohm matched
LJT-R, MIL-DTL-38999 Series I, JT-R, MIL-DTL-38999 Series II, and
TV-R, MIL-DTL-38999 Series III
Use with Cable
Comment
Pin
(Termination Instruction
Sheet)***
Socket
(Termination Instruction
Sheet)***
Contact
Size
RG316,
T-Flex-405
Semflex SM405
M39029/102/103
50
W
21-033651-011
(L-2092-C)
21-033650-011
(L-2092-C)
12
RG-316,
T-Flex-405
JT-R, MIL-DTL-38999
Series II, 50
W
21-033729-011
(L-2092-P)
RD316,
Filotex,
ET124962,
M17/152-00001
M39029/102/103 Type
50
W
21-033651-017
(L-2092-F)
21-033650-017
(L-2092-F)
JN1088WT
JN1104*50C
50
W
21-033213-042
21-033214-042
(L-2092-D)
PAN6422XQ
PAN6841*50C
50
W
21-033651-012
(L-2092-E)
21-033650-012
RG178,
Gore CXN 3403
M39029/102/103 Type
50
W
21-033651-018
(L-2092-K)
21-033650-018
(L-2092-K)
RG178,
Gore CXN 3403
JT-R, MIL-DTL-38999
Series II, 50
W
21-033729-018
(L-2092-K)
SFT-316-TR
M39029/102/103 Type
50
W
21-033651-022
(L-2092-N)
21-033650-022
(L-2092-N)
Semflex SW060
M39029/102/103 Type
50
W
21-033651-025
21-033650-025
Semflex SW086
(solid inner
conductor)
M39029/102/103 Type
50
W
21-033651-026
21-033650-026
RG-179†
75
W
21-033592-001
21-033591-001
8
PIC V76261†
75
W
21-033592-021
21-033591-021
8
Belden 1855A†
75
W
21-033592-031
21-033591-031
8
Matched Impedance
Coax Contact Performance:
Electrical Specifications:
• Contact impedance = 50 ohms nominal
• Frequency range = 0–3 GHz Operable at higher
frequencies depending on cable selection
Consult Amphenol for details
• Dielectric withstanding voltage
(for a mated pair):
At sea level = 1000 VRMS
At 50, 000 ft = 250 VRMS
• Insulation resistance: 5 gigaohms min @ 25°C
• VSWR: 1 20 +  04F (F in GHz) max up to 3 GHz
• Insertion Loss:
11 fGHz dB max
Environmental Specifications:
• Thermal limits: –55 ° to 200°C
Mechanical Specifications:
• Mating: slide-on
• Mounting: conforms to M39029/102 & /103
envelope dimensions
Amphenol® Matched Impedance Size 12 Coaxial Contacts for
RF/Microwave, High Frequency and High Performance Requirements
* Add P or S for pin or socket
***Termination instructions are packaged with each contact
and can be found on-line at:
www amphenol-aerospace com/serviceinstructions asp
†21-033591-XXX sockets will only mate with Amphenol 21-
0333592-XXX pins



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com