Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

COPPERCATALOG Datasheet(PDF) 38 Page - Amphenol Aerospace Operations

Part # COPPERCATALOG
Description  High Frequency Contacts
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAO [Amphenol Aerospace Operations]
Direct Link  https://www.amphenol-aerospace.com/
Logo AAO - Amphenol Aerospace Operations

COPPERCATALOG Datasheet(HTML) 38 Page - Amphenol Aerospace Operations

Back Button COPPERCATALOG Datasheet HTML 34Page - Amphenol Aerospace Operations COPPERCATALOG Datasheet HTML 35Page - Amphenol Aerospace Operations COPPERCATALOG Datasheet HTML 36Page - Amphenol Aerospace Operations COPPERCATALOG Datasheet HTML 37Page - Amphenol Aerospace Operations COPPERCATALOG Datasheet HTML 38Page - Amphenol Aerospace Operations COPPERCATALOG Datasheet HTML 39Page - Amphenol Aerospace Operations COPPERCATALOG Datasheet HTML 40Page - Amphenol Aerospace Operations COPPERCATALOG Datasheet HTML 41Page - Amphenol Aerospace Operations COPPERCATALOG Datasheet HTML 42Page - Amphenol Aerospace Operations Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 56 page
background image
Contact Amphenol Aerospace for more information at 800-678-0141 • www.amphenol-aerospace.com
249
Amphenol
Aerospace
II
Dualok
III
SJT
38999
I
PCB
Accessories
Aquacon
HD
Herm/Seal
Fiber
Optics
Contacts
Connectors
Cables
HigH
Speed
Typical Contact Installation Instructions
for Coax Contacts
The following is an example of a contact instruction sheet that would be shipped within the package of contacts for a Crimp, Size 12
Coax Contact for use in Subminiature, D38999 connectors The sheet provides detailed instructions for assembling the component
parts and for crimping the contact to coaxial cable, along with the recommended cable and tooling to be used Installation instructions
are included within all contacts for D38999 connectors For installation instructions for other connector series, there are separate
documents (not included in packaging of parts) as follows: L- 633 for Miniature solder types, L-613 for Miniature SE types, L-660 for
Miniature CE types, and L-650 for MS/Standard and Heavy Duty types For any other instructions needed, consult Amphenol Most
installation instructions can be found on-line at www amphenol-aerospace com (from home page, go to Service Instructions and enter
contact part number or instruction sheet number)
21-033651-011 (PIN)
21-033650-011 (SOCKET)
Contact, Pin and Socket, Coaxial,
Type LJT-R & TV-R, (MIL-DTL-38999 Series I & III) Crimp,
Size 12
Installation Instructions
See table on reverse side for coaxial cable recommended
and crimp tool information
A 1 Slide outer crimp ferrule over cable outer jacket as
shown
2 Strip cable outer braid as illustrated Ends must be cut
cleanly and at right angles to the axial plane of the
cable The cable must not be deformed while making
cuts
3 Flare outer braid, then strip cable dielectric as shown
B 1 Assemble inner contact assembly over cable center
conductor and cable dielectric until inside bore of
bushing butts against cable dielectric
2 Cable center conductor must be visible through the
inspection hole in the inner contact wire well
3 Crimp inner contact wire well using crimp tool listed in
table
C 1 Carefully slide outer contact assembly over inner
contact assembly and under cable outer braid until
inner contact butts against insulator shoulder as
illustrated (Inner contact assembly will snap into the
locked position when fully assembled inside the outer
contact assembly )
2 Bring outer crimp ferrule forward over cable outer
braid as illustrated (Continue to push the inner
contact assembly fully forward while bringing the
outer crimp ferrule into position )
3 Crimp outer crimp ferrule using crimp tool listed in
table ( 156 Max over ferrule after crimping) Trim
excess braid ahead of crimp ferrule, if necessary
CONTACT INSERTION INTO CONNECTOR
Using insertion tool (part number M81969/8-09 or
M81969/14-04), insert contact assembly into rear connector
grommet hole Contact must be aligned with hole and not
inserted at an angle Push forward until contact is felt to snap
into position within insert Remove tool
CONTACT REMOVAL FROM CONNECTOR
Position removal tool (part number M81969/8-10 or
M81969/14-04) around cable and slide tool down wire until
tool tips enter rear grommet and come to a positive stop
Hold tool tip firmly against positive stop on contact, grip wire
and simultaneously remove tool, contact and cable
21-033651-011 (PIN)
21-033650-011 (SOCKET)
L-2092-C October 2001
FSCM77820
.135
.195
CABLE
DIELECTRIC
CABLE
OUTER BRAID
.165
CABLE
CENTER
CONDUCTOR
CABLE
DIELECTRIC
.165
REF.
OUTER CRIMP FERRULE
CABLE OUTER BRAID
CABLE
OUTER JACKET
A & A
A
12
3
OUTER FERRULE
CABLE
OUTER BRAID
.010 / .030
OUTER CONTACT ASSEMBLY
(PIN SHOWN FOR REFERENCE)
INNER CONTACT
MUST BUTT INSULATOR
C
CABLE CENTER CONDUCTOR
INNER CONTACT ASSEMBLY
(SOCKET SHOWN FOR REFERENCE)
CABLE DIELECTRIC
CABLE DIELECTRIC
MUST BUTT
BUSHING
INSPECTION HOLE
B
.330 REF.
Amphenol ®
Part Number
Description
Coaxial Cable
Accommodated
Tools
Inner Contact
Outer Contact
Crimp Tool
Setting
Positioner
(Daniels)
Tool
Positioner
21-033651-011
Matched Impedance*
Size 12 Coax
Pin
RG316
(M17/113-RG316)
MH992 (Daniels)
5
K1360
M22520/5-01
M22520/5-03 (A)
or
M22520/5-35 (B)
RG179
(M17/094-RG179)
MH992 (Daniels)
4
K1360
21-033650-011
Matched Impedance*
Size 12 Coax
Socket
RG316
(M17/113-RG316)
MH992 (Daniels)
5
K1360
RG179
(M17/094-RG179)
MH992 (Daniels)
4
K1360
* Matched Impedance applies when contacts are terminated to RG316 cable only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com