Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

COPPERCATALOG Datasheet(PDF) 34 Page - Amphenol Aerospace Operations

Part # COPPERCATALOG
Description  High Frequency Contacts
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAO [Amphenol Aerospace Operations]
Direct Link  https://www.amphenol-aerospace.com/
Logo AAO - Amphenol Aerospace Operations

COPPERCATALOG Datasheet(HTML) 34 Page - Amphenol Aerospace Operations

Back Button COPPERCATALOG Datasheet HTML 30Page - Amphenol Aerospace Operations COPPERCATALOG Datasheet HTML 31Page - Amphenol Aerospace Operations COPPERCATALOG Datasheet HTML 32Page - Amphenol Aerospace Operations COPPERCATALOG Datasheet HTML 33Page - Amphenol Aerospace Operations COPPERCATALOG Datasheet HTML 34Page - Amphenol Aerospace Operations COPPERCATALOG Datasheet HTML 35Page - Amphenol Aerospace Operations COPPERCATALOG Datasheet HTML 36Page - Amphenol Aerospace Operations COPPERCATALOG Datasheet HTML 37Page - Amphenol Aerospace Operations COPPERCATALOG Datasheet HTML 38Page - Amphenol Aerospace Operations Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 56 page
background image
Contact Amphenol Aerospace for more information at 800-678-0141 • www.amphenol-aerospace.com
245
Amphenol
Aerospace
II
Dualok
III
SJT
38999
I
PCB
Accessories
Aquacon
HD
Herm/Seal
Fiber
Optics
Contacts
Connectors
Cables
HigH
Speed
Coaxial Contacts for MIL-DTL-38999
Application Data
JT-R Series, MIL-DTL-38999 Series II,
SAE AS39029 (27, 28, 76, 78)
COAX CONTACTS FOR USE IN JT-R CONNECTORS
Cable
Contact Part Number
(Termination Instruction Sheet)**
Contact
Size
Crimping Tools
Installation Tools
Pin
Socket
Inner Contact
Crimp Ferrule
Insertion
Removal
RG-178B/U, RG-196A/U
21-033122-564
(M39029/76-425)
(L-2035-AG)
21-033121-564
(M39029/78-433)
(L-2035-AH)
16
M22520/2-01
with Positioner
M22520/2-35
or with
Daniels Positioner
K532
M22520/4-01
with Positioner
M22520/4-02
M81969/8-07
or
M81969/14-03
or
Amphenol
11-8674-16
11-8794-16
or
MS27495A16
or
MS27534-16
M81969/8-08
or
M81969/14-03
or
Amphenol
11-8675-16
11-8795-16
or
MS27495R16
or
MS27534-16
Haveg
30-00761, 30-02024,
30-02033
Tensolite
24713/A955KK1, 26723/
A955KK1
21-033122-562†
(L-2035-AN)
21-033121-562†
(L-2035-AP)
Haveg 61-02051
21-033122-561†
(L-2035-AK)
21-033121-561†
(L-2035-AL)
RG-174A/U, RG-188A/U,
RG-161/U,
RG-187A/U, RG-316/U,
RG-179B/U,
Haveg 8100207, Times
(HS-179)
AA3248, Teledyne 11299,
Raychem 7528H1424
21-033122-563
(M39029/76-424)
(L-2035-AD)
21-033121-563
(M39029/78-432)
(L-2035-AE)
21-033122-546
(M39029/28-211)
(L-2035-F)
21-033121-546
(M39029/27-210)
(L-2035-G)
12
M22520/2-01
with Positioner
M22520/2-34
or with
Daniels Positioner
K323
M22520/31-01
with Positioner
M22520/31-02
or
Daniels GS-200
Tool
with Positioner
G2P330
M81969/8-09
or
M81969/14-04
or
Amphenol
11-8674-12
11-8794-12
or
MS27495A12
or
MS27534-12
M81969/8-10
or
M81969/14-04
or
Amphenol
11-8675-12
11-8795-12
or
MS27495R12
or
MS27534-12
RG-180B/U, RG-195A/U,
Raychem 9528A1318
21-033122-541
(M39029/28-409)
(L-2035-C)
21-033121-541
(M39029/27-402)
(L-2035-E)
Raychem 5022E5111
21-033122-543†
(L-2035-M)
21-033121-543†
(L-2035-N)
Raychem 9530A5314
21-033122-544
(L-2035-R)
21-033121-544
(L-2035-S)
Raychem 9527A1318
21-033122-545
(L-2035-U)
21-033121-545
(L-2035-V)
Gore GWN1159A
21-033122-547†
(L-2035-X)
21-033121-547†
(L-2035-Y)
MIL-DTL-38999 CONTACT DATA
All contacts mate with other contacts in this series which have the same inner and outer contact diameters
Finish of mating contact parts: Contact part numbers shown in the chart above are supplied with 0 000050 min gold
(Knoop hardness 130-200) over nickel on mating parts Other finishes are available; consult Amphenol
Daniels crimping tools are available from:
Daniels Mfg Corp 6103 Anno Ave , Orlando FL 32809
NOTE: SAE AS39029 supersedes MIL-C-39029
**Termination instructions are packaged with each contact and can be found on-line at:
www amphenol-aerospace com/serviceinstructions asp
JT Example:
Socket 21-033121-564 on RG-196A/U cable will mate with
pin 21-033122-563 on RG-188A/U cable which is used in
both this and the LJT-R series
LJT, TV, SJT,
Amphe-Lite
Example:
Socket 21-033123-564 on RG-196A/U cable will mate with
pin 21-033122-563 on RG-188A/U cable which is used in
both this and the JT-R series



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com