Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

COPPERCATALOG Datasheet(PDF) 16 Page - Amphenol Aerospace Operations

Part # COPPERCATALOG
Description  High Frequency Contacts
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAO [Amphenol Aerospace Operations]
Direct Link  https://www.amphenol-aerospace.com/
Logo AAO - Amphenol Aerospace Operations

COPPERCATALOG Datasheet(HTML) 16 Page - Amphenol Aerospace Operations

Back Button COPPERCATALOG Datasheet HTML 12Page - Amphenol Aerospace Operations COPPERCATALOG Datasheet HTML 13Page - Amphenol Aerospace Operations COPPERCATALOG Datasheet HTML 14Page - Amphenol Aerospace Operations COPPERCATALOG Datasheet HTML 15Page - Amphenol Aerospace Operations COPPERCATALOG Datasheet HTML 16Page - Amphenol Aerospace Operations COPPERCATALOG Datasheet HTML 17Page - Amphenol Aerospace Operations COPPERCATALOG Datasheet HTML 18Page - Amphenol Aerospace Operations COPPERCATALOG Datasheet HTML 19Page - Amphenol Aerospace Operations COPPERCATALOG Datasheet HTML 20Page - Amphenol Aerospace Operations Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 56 page
background image
Contact Amphenol Aerospace for more information at 800-678-0141 • www.amphenol-aerospace.com
227
Amphenol
Aerospace
II
Dualok
III
SJT
38999
I
PCB
Accessories
Aquacon
HD
Herm/Seal
Fiber
Optics
Contacts
Connectors
Cables
HigH
Speed
Amphenol Aerospace offers the high performance
interconnect solution for CAT6A type cable
MIL-DTL-38999 Series III Connectors with “Split-Pair”
Quadrax Contacts for use with CAT6A Type Cable
“Split-Pair” Quadrax Contacts for use
with CAT6A Type Cable
APPLICATIONS:
For use with, but not limited to, the
following electrical protocols :
• 10/100/1000/10GBASE-T Ethernet
• DVI
• USB 2 0, 3 0
• Serial Rapid IO (up to 3 125 Gbps)
• PCI-Express 2 0
• HDMI 1 3a
• SATA 2 0 (up to 3 GHz)
Crimp Style Part Number
Cable
AWG
PIN 21-033470-001
Thermax
1536-224
24
SOCKET 21-033471-001
PIN 21-033470-021
Thermax
1536-195
26
SOCKET 21-033471-021
Outer Contact
Inner Contact
DANIELS M22520/5-01
with die set Y1999 or
M22520/5-45
DANIELS M22520/2-01
with positioner K1777
SPLIT-PAIR QUADRAX CONTACT*
PART NUMBERS:
CRIMP TOOLS:
M81969/14-12
REMOVAL TOOL:
“Split-Pair” for use with CAT6A Type Cable
SPLIT-PAIR QUADRAX
SOCKET CONTACT
SPLIT-PAIR QUADRAX
PIN CONTACT
Suggested Numbering for Quadrax Contacts
2
3
2
3
PIN CONTACT
MATING FACE
SOCKET CONTACT
MATING FACE
1
4
1
4
Differential Pairs: 1 & 4, 2 & 3
* Patent pending
Daniels crimping tools are available from Daniels Mfg Corp 6103
Anno Ave , Orlando, FL 32809
New “Split-Pair” Quadrax Contacts & Cables
Assemblies for MIL-DTL-38999, Series III
Features & Benefits/How to Order
New/Featured
FEATURES & BENEFITS:
• Overall higher bandwidth than standard CAT5E quadrax-Supports
up to 6 5 Gbps per pair
• Enhanced crosstalk performance (compared to standard quadrax)
due to compatibility with shielded twisted pair of cables
• Can be used for a variety of high speed applications beyond
current quadrax design**
• Four strategically spaced inner contacts form two 100 Ohm
matched impedance differential pairs
• Outer contact has rugged wall section for durability
• Available in size 8 crimp termination style
• Also available in size 8 PC tails
• Can be installed into existing quadrax contact connector cavities
• Requires modification of MIL-DTL-38999 connector to accommo-
date keyed contacts
Cable selection may limit data rate of above protocols



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com