Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

COPPERCATALOG Datasheet(PDF) 24 Page - Amphenol Aerospace Operations

Part # COPPERCATALOG
Description  High Frequency Contacts
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAO [Amphenol Aerospace Operations]
Direct Link  https://www.amphenol-aerospace.com/
Logo AAO - Amphenol Aerospace Operations

COPPERCATALOG Datasheet(HTML) 24 Page - Amphenol Aerospace Operations

Back Button COPPERCATALOG Datasheet HTML 20Page - Amphenol Aerospace Operations COPPERCATALOG Datasheet HTML 21Page - Amphenol Aerospace Operations COPPERCATALOG Datasheet HTML 22Page - Amphenol Aerospace Operations COPPERCATALOG Datasheet HTML 23Page - Amphenol Aerospace Operations COPPERCATALOG Datasheet HTML 24Page - Amphenol Aerospace Operations COPPERCATALOG Datasheet HTML 25Page - Amphenol Aerospace Operations COPPERCATALOG Datasheet HTML 26Page - Amphenol Aerospace Operations COPPERCATALOG Datasheet HTML 27Page - Amphenol Aerospace Operations COPPERCATALOG Datasheet HTML 28Page - Amphenol Aerospace Operations Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 56 page
background image
Contact Amphenol Aerospace for more information at 800-678-0141 • www.amphenol-aerospace.com
235
Amphenol
Aerospace
II
Dualok
III
SJT
38999
I
PCB
Accessories
Aquacon
HD
Herm/Seal
Fiber
Optics
Contacts
Connectors
Cables
HigH
Speed
Quadrax Transition Adapters
For Attachment to PC Boards
Application Data
100 OHM QUADRAX TRANSITION ADAPTERS
FOR LAUNCHING CONTROLLED IMPEDANCE SIGNALS TO PC BOARDS
Quadrax Type Adapter/
Cable or PCB Tail Length
Illustration of Adapter
Part Number
(Termination Instruction Sheet)**
Impedance
(Ohms)
Mating
Thread
Size
Crimping Tools
Plug
Receptacle
Inner Contact
Outer Contact
Quadrax PlugAdapter/
Tensolite NF24Q100, NF24Q100-01
24443/9P025X-4(LD) S280W502-4
24443/03130X-4(LD) Thermax
956-4TN
21-033836-031
(L-2119-U)
100
.375
M22520/2-01
with Positioner
M22520/2-37
or with
Daniels Positioner
K709
M22520/5-01
with Die Set
M22520/5-45
(LocationA)
Quadrax PlugAdapter/
Tensolite NF22Q100, NF22Q100-01,
Thermax 956-5, Tensolite
24450/030894-4(LD) Draka Fileca
F-4704-5
21-033836-041
(L-2119-W)†
Quadrax PlugAdapter/
Draka Fileca F-4703-3, F-4704-4
21-033836-051
(L-2119-Y)
Quadrax PlugAdapter/
NF26Q100
21-033836-061
(L-2119-AM)†
Gore RCN8724 (30 awg)
21-033836-071
GoreACN1042 (28 awg) Gore
RCN8973
21-033836-101
Gore RCN 8422
21-033836-131
Quadrax PlugAdapter/
Hexnut with Lock Wire Holes
Tensolite RCN8467
21-033836-081
Tensolite NF24Q100-01
21-033836-111
Quadrax Receptacle StraightAdapter
in-line jam nut (threaded)/
GSC-10-8273900
21-033837-081
(L-2119-AR)†
Quadrax Receptacle StraightAdapter
in-line jam nut (threaded) Tensolite
NF24Q100-01
21-033837-261
Quadrax Receptacle StraightAdapter
in-line (threaded)/NF24Q100
Tensolite NF24Q100-01, Tensolite
24443/9P025X -4 (LD), S280W502-4,
Tensolite 24443/03130X-4 (LD),
Thermax 956-4TN
21-033837-091
(L-2119-BL)
PCB Quadrax Receptacle 90 Degree
Adapter/Tail Length .110
21-033837-041
NA
NA
PCB Quadrax Receptacle 90 Degree
Adapter/Tail Length .200
21-033837-201
PCB Quadrax Receptacle Straight
Adapter/Tail Length .110
21-033837-051
PCB Quadrax Receptacle Straight
Adapter/Special Tail Length (.200)
21-033837-061
Straight adapter Tail Length .175
21-033837-131
PCB Quadrax Receptacle Straight
Adapter/Tail Length .110 except .019”
diameter inner contact tails
21-033837-291
Quadrax Receptacle 90 degree
Adapter with cable to board/
NF24Q100 Tail Length .110
21-033837-141
(L-2119-BB)†
100
M22520/2-01
with Positioner
M22520/2-37
or with
Daniels
Positioner
K709
M22520/5-01
with Die Set
M22520/5-45
(Location A)
Quadrax Receptacle 90 degree
Adapter with cable to board/
ABS1503KD24 Tail Length .110
Tensolite NF22Q100-01 Thermax
956-5 Draka Fileca F4704-5
21-033837-231
Quadrax Receptacle StraightAdapter
with cable to board/
NF24Q100, NF24Q100-01 Tail
Length .195
21-033837-101
(L-2119-AN)
Quadrax receptacle straight adapter
w/ cable to board, Tail length .195
Draka Fileca F-4703-3, F-4703-4
21-033837-241
Daniels crimping tools are available from Daniels Mfg Corp 6103 Anno
Ave , Orlando, FL 32809
**Termination instructions are packaged with each contact and can be found on-line at:
www amphenol-aerospace com/serviceinstructions asp
† Consult Amphenol Aerospace for current release of this adapter and
instruction sheet if applicable
See electrical protocols for transition adapters on page 234



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com