Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

COPPERCATALOG Datasheet(PDF) 30 Page - Amphenol Aerospace Operations

Part # COPPERCATALOG
Description  High Frequency Contacts
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAO [Amphenol Aerospace Operations]
Direct Link  https://www.amphenol-aerospace.com/
Logo AAO - Amphenol Aerospace Operations

COPPERCATALOG Datasheet(HTML) 30 Page - Amphenol Aerospace Operations

Back Button COPPERCATALOG Datasheet HTML 26Page - Amphenol Aerospace Operations COPPERCATALOG Datasheet HTML 27Page - Amphenol Aerospace Operations COPPERCATALOG Datasheet HTML 28Page - Amphenol Aerospace Operations COPPERCATALOG Datasheet HTML 29Page - Amphenol Aerospace Operations COPPERCATALOG Datasheet HTML 30Page - Amphenol Aerospace Operations COPPERCATALOG Datasheet HTML 31Page - Amphenol Aerospace Operations COPPERCATALOG Datasheet HTML 32Page - Amphenol Aerospace Operations COPPERCATALOG Datasheet HTML 33Page - Amphenol Aerospace Operations COPPERCATALOG Datasheet HTML 34Page - Amphenol Aerospace Operations Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 56 page
background image
Contact Amphenol Aerospace for more information at 800-678-0141 • www.amphenol-aerospace.com
241
Amphenol
Aerospace
II
Dualok
III
SJT
38999
I
PCB
Accessories
Aquacon
HD
Herm/Seal
Fiber
Optics
Contacts
Connectors
Cables
HigH
Speed
Insert Arrangements - MIL-DTL-38999, Series III
IncorporatingQuadrax&DifferentialTwinaxContacts
CONTACT LEGEND
8
10
12
16
20
22D
Quadrax or
Differential Twinax
A
D
C
B
A
B
1
5
2
8
93
10
7
6
4
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
S
T
U
A
B
C
E
K
M
N
R
S
U
V
W
g
h
f
1
2
15
3
14
13
12
4
5
11
8
7
10
16
8
9
A
A
B
C
D
A
T
B
S
C
R
D
P
E
N
MF
LG
H
K
J
V
U
A
B
C
D
E
F
1
6
7
15
16
18
19
21
22
24
26
28
29
32
33
41
42
46
53
59
60
64
67
68
72
74
76
78
79
81
82
84
85
93
94
99
25
75
1
6
11
17
30
This illustrated listing represents the most readily available patterns incorporating quadrax and differential twinax contacts within
D38999, Series III connectors If you require other arrangements than what are shown here, consult Amphenol for further availability In
most cases, unless otherwise stated, size 8 cavities can be filled with quadrax or differential twinax contacts Arrangements can be
mixed with any size 8 coax, and/or concentric twinax or triax contacts
Front face of pin inserts illustrated
Insert Arrangement
9-5
17-2
17-22
17-52
17-60
Number of Contacts
1
38
1
2
2
2
8
2
Contact Size
8
22D
8 Twinax
12
8
8
22D
8
Grounded
Meets Boeing
Specification
Insert Arrangement
19-18
19-31
19-AB
19-AD
21-75
Number of Contacts
14
4
12
1
2
4
16
1
4
Contact Size
22D
8
22D
12
8
8
20
8
8
Insert Arrangement
21-79
23-6
25-7
Number of Contacts
17
2
6
97
2
Contact Size
22D
8
8
22D
8
B
F
K
P
Note: 19-AB same as
19-18 but no 22D contacts
Ground plane only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com