Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AFEX32A3W Datasheet(PDF) 21 Page - Texas Instruments

Part # AFEX32A3W
Description  AFEx32A3W 10-Bit and 8-Bit, Three-Channel Voltage-Output, Current-Output, and ADC-Input Smart AFE With I2C or SPI
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AFEX32A3W Datasheet(HTML) 21 Page - Texas Instruments

Back Button AFEX32A3W Datasheet HTML 17Page - Texas Instruments AFEX32A3W Datasheet HTML 18Page - Texas Instruments AFEX32A3W Datasheet HTML 19Page - Texas Instruments AFEX32A3W Datasheet HTML 20Page - Texas Instruments AFEX32A3W Datasheet HTML 21Page - Texas Instruments AFEX32A3W Datasheet HTML 22Page - Texas Instruments AFEX32A3W Datasheet HTML 23Page - Texas Instruments AFEX32A3W Datasheet HTML 24Page - Texas Instruments AFEX32A3W Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 93 page
background image
5.19 Typical Characteristics: Current Output (continued)
at TA = 25°C, VDD = 5.5 V, IOUT-GAIN = 2/3, diode load (unless otherwise noted)
Temperature (°C)
-40 -25 -10
5
20
35
50
65
80
95
110 125
-6
-4
-2
0
2
4
6
Figure 5-35. Current Output Offset Error vs Temperature
Temperature (°C)
-40 -25 -10
5
20
35
50
65
80
95
110 125
0
3.32
6.64
9.96
13.28
16.6
19.92
23.24
26.56
29.88
33.2
Figure 5-36. Current Output Gain Error vs Temperature
Load Voltage (V)
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
0
50
100
150
200
250
300
350
IOUT = 300 mA
Figure 5-37. Current Output vs Load Voltage
Load Voltage (V)
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
0
20
40
60
80
100
120
140
IOUT = 100 mA
Figure 5-38. Current Output vs Load Voltage
Time (
s)
0
100
200
300
400
500
IOUT( Zoomed 200 A/div)
Trigger (1 V/div)
Settling Band (-1 LSB)
Settling Band (+1 LSB)
¼ scale to ¾ scale swing
Figure 5-39. Current Output Setting Time, Rising Edge
Time (
s)
0
100
200
300
400
500
IOUT (Zoomed 200 A/div)
Trigger (1 V/div)
Settling Band (-1 LSB)
Settling Band (+1 LSB)
Zero scale to full scale swing
Figure 5-40. Current Output Setting Time, Rising Edge
www.ti.com
AFE532A3W, AFE432A3W
SLASFB2 – NOVEMBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: AFE532A3W AFE432A3W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com