Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AFEX32A3W Datasheet(PDF) 7 Page - Texas Instruments

Part # AFEX32A3W
Description  AFEx32A3W 10-Bit and 8-Bit, Three-Channel Voltage-Output, Current-Output, and ADC-Input Smart AFE With I2C or SPI
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AFEX32A3W Datasheet(HTML) 7 Page - Texas Instruments

Back Button AFEX32A3W Datasheet HTML 3Page - Texas Instruments AFEX32A3W Datasheet HTML 4Page - Texas Instruments AFEX32A3W Datasheet HTML 5Page - Texas Instruments AFEX32A3W Datasheet HTML 6Page - Texas Instruments AFEX32A3W Datasheet HTML 7Page - Texas Instruments AFEX32A3W Datasheet HTML 8Page - Texas Instruments AFEX32A3W Datasheet HTML 9Page - Texas Instruments AFEX32A3W Datasheet HTML 10Page - Texas Instruments AFEX32A3W Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 93 page
background image
5.6 Electrical Characteristics: Current Output
all minimum and maximum specifications at –40°C ≤ TA ≤ +125°C and typical specifications at TA = 25°C, 3 V ≤ VDD ≤ 4.5 V,
and digital inputs at VDD or AGND (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
STATIC PERFORMANCE
Resolution
AFE532A3W
10
Bits
AFE432A3W
8
INL
Integral nonlinearity
At minimum output-voltage headroom, AFE532A3W
–1.25
1.25
LSB
At minimum output-voltage headroom, AFE432A3W
–1
1
DNL Differential nonlinearity
–1
1
LSB
Offset error
6
mA
Gain error
16.6
%FSR
OUTPUT
Output range(1)
IOUT-GAIN = 000b
300
mA
IOUT-GAIN = 001b
220
Output voltage headroom(2)
Sourcing current at 300 mA
770
1500
mV
Sourcing current at 100 mA
300
1500
Power-down leakage at output
DAC channel disabled, voltage across the internal
pulldown resistor
3
mV
Power supply rejection ratio
(dc)
DAC at midscale, VDD changed from 3.5 V to 4.5 V
0.5
LSB/V
www.ti.com
AFE532A3W, AFE432A3W
SLASFB2 – NOVEMBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: AFE532A3W AFE432A3W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com