Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AFEX32A3W Datasheet(PDF) 13 Page - Texas Instruments

Part # AFEX32A3W
Description  AFEx32A3W 10-Bit and 8-Bit, Three-Channel Voltage-Output, Current-Output, and ADC-Input Smart AFE With I2C or SPI
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AFEX32A3W Datasheet(HTML) 13 Page - Texas Instruments

Back Button AFEX32A3W Datasheet HTML 9Page - Texas Instruments AFEX32A3W Datasheet HTML 10Page - Texas Instruments AFEX32A3W Datasheet HTML 11Page - Texas Instruments AFEX32A3W Datasheet HTML 12Page - Texas Instruments AFEX32A3W Datasheet HTML 13Page - Texas Instruments AFEX32A3W Datasheet HTML 14Page - Texas Instruments AFEX32A3W Datasheet HTML 15Page - Texas Instruments AFEX32A3W Datasheet HTML 16Page - Texas Instruments AFEX32A3W Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 93 page
background image
5.16 Timing Requirements: GPIO
all input signals are specified with tr = tf = 1 V/ns (10% to 90% of VIO) and timed from a voltage level of (VIL + VIH) / 2,
1.7 V ≤ VIO ≤ 5.5 V, 3 V ≤ VDD ≤ 5.5 V, and –40°C ≤ TA ≤ +125°C
MIN
NOM
MAX
UNIT
tGPIHIGH
GPI high time
2
µs
tGPILOW
GPI low time
2
µs
tGPAWGD
LDAC falling edge to DAC update delay(1)
2
µs
tCS2LDAC
SYNC rising edge to LDAC falling edge
1
µs
tSTP2LDAC
I2C stop bit rising edge to LDAC falling edge
1
µs
tLDACW
LDAC low time
2
µs
(1)
The GPIOs can be configured as a channel-specific or global LDAC function.
5.17 Timing Diagrams
VIH
VIL
SDA
SCL
S
VIH
VIL
tF
tF
tHDSTA
tR
tR
tHDDAT
1 / fSCL
1
st clock cycle
tSUDAT
tVDDAT
tLOW
9
th clock pulse
tHIGH
...
...
SDA
SCL
tSUSTA
...
...
Sr
tHDSTA
9
th clock pulse
tVDACK
P
S
tBUF
tSUSTO
tSTP2LDAC
tLDACW
GPIO/
LDAC
S: Start bit, Sr: Repeated start bit, P: Stop bit
Figure 5-1. I2C Timing Diagram
www.ti.com
AFE532A3W, AFE432A3W
SLASFB2 – NOVEMBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: AFE532A3W AFE432A3W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com