Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AFEX32A3W Datasheet(PDF) 3 Page - Texas Instruments

Part # AFEX32A3W
Description  AFEx32A3W 10-Bit and 8-Bit, Three-Channel Voltage-Output, Current-Output, and ADC-Input Smart AFE With I2C or SPI
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AFEX32A3W Datasheet(HTML) 3 Page - Texas Instruments

  AFEX32A3W Datasheet HTML 1Page - Texas Instruments AFEX32A3W Datasheet HTML 2Page - Texas Instruments AFEX32A3W Datasheet HTML 3Page - Texas Instruments AFEX32A3W Datasheet HTML 4Page - Texas Instruments AFEX32A3W Datasheet HTML 5Page - Texas Instruments AFEX32A3W Datasheet HTML 6Page - Texas Instruments AFEX32A3W Datasheet HTML 7Page - Texas Instruments AFEX32A3W Datasheet HTML 8Page - Texas Instruments AFEX32A3W Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 93 page
background image
4 Pin Configuration and Functions
1
2
3
4
A
B
C
D
Not to scale
PVDD
VOUT1
/AIN1
VOUT0
GPIO/SDO
VDD
FB1
PGND
SCL/SYNC
AGND
PVDD
IOUT
A0/SDI
CAP
PVDD
IOUT
SDA/SCLK
Figure 4-1. YBH (16-pin DSBGA) Package, Top View
Table 4-1. Pin Functions
PIN
TYPE
DESCRIPTION
NO.
NAME
A1
PVDD
Power
Power supply for the current source. Connect this pin to VDD with low trace impedance
A2
VOUT1/AIN1
Input/Output
Voltage output or analog input on DAC channel 1.
A3
VOUT0
Output
Voltage output on DAC channel 0.
A4
GPIO/SDO
Input/Output
General-purpose input/output configurable as LDAC, PD, PROTECT, RESET, SDO, and STATUS. For STATUS and
SDO, connect the pin to the I/O voltage with an external pullup resistor. If unused, connect the GPIO pin to VDD or
AGND using an external resistor. This pin can ramp up before VDD.
B1
VDD
Power
Supply voltage.
B2
FB1
Input
Voltage feedback pin for channel 1. In voltage-output mode, connect to VOUT1/AIN1 for closed-loop amplifier output.
In ADC-input mode, pull up this pin to VDD using a resistor. Use this pin as analog input in comparator mode.
B3
PGND
Ground
Ground return path for the current source. Connect this pin to AGND.
B4
SCL/SYNC
Output
I2C serial interface clock or SPI chip select input. This pin must be connected to the I/O voltage using an external
pullup resistor. This pin can ramp up before VDD.
C1
AGND
Ground
Ground reference point for all circuitry on the device.
C2
PVDD
Power
Power supply for the current source. Connect this pin to VDD.
C3
IOUT
Output
Current output on channel 2.
C4
A0/SDI
Input
Address configuration pin for I2C or serial data input for SPI.
For A0, connect this pin to VDD, AGND, SDA, or SCL for address configuration (see the Address Byte section).
For SDI, this pin need not be pulled up or pulled down. This pin can ramp up before VDD.
D1
CAP
Power
External bypass capacitor for the internal LDO. Connect a capacitor (approximately 1.5 μF) between CAP and
AGND.
D2
PVDD
Power
Power supply for the current source. Connect this pin to VDD.
D3
IOUT
Output
Current output on channel 2.
D4
SDA/SCLK
Input/Output
Bidirectional I2C serial data bus or SPI clock input. This pin must be connected to the I/O voltage using an external
pullup resistor in the I2C mode. This pin can ramp up before VDD.
www.ti.com
AFE532A3W, AFE432A3W
SLASFB2 – NOVEMBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: AFE532A3W AFE432A3W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com