Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AFEX32A3W Datasheet(PDF) 36 Page - Texas Instruments

Part # AFEX32A3W
Description  AFEx32A3W 10-Bit and 8-Bit, Three-Channel Voltage-Output, Current-Output, and ADC-Input Smart AFE With I2C or SPI
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AFEX32A3W Datasheet(HTML) 36 Page - Texas Instruments

Back Button AFEX32A3W Datasheet HTML 32Page - Texas Instruments AFEX32A3W Datasheet HTML 33Page - Texas Instruments AFEX32A3W Datasheet HTML 34Page - Texas Instruments AFEX32A3W Datasheet HTML 35Page - Texas Instruments AFEX32A3W Datasheet HTML 36Page - Texas Instruments AFEX32A3W Datasheet HTML 37Page - Texas Instruments AFEX32A3W Datasheet HTML 38Page - Texas Instruments AFEX32A3W Datasheet HTML 39Page - Texas Instruments AFEX32A3W Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 93 page
background image
6.4.3.2 Programmable Window Comparator
Window comparator mode on channel 1 is enabled by setting the CMP-1-MODE bit to 10b (see also Table
6-2). Figure 6-7 shows that the window bounds are set by the DAC-1-MARGIN-HIGH and the DAC-1-MARGIN-
LOW registers. The output of the window comparator is indicated by the WIN-CMP-1 bit in the CMP-STATUS
register. The comparator output (WIN-CMP-1) can be latched by writing 1 to the WIN-LATCH-EN bit in the
COMMON-CONFIG register. After being latched, the comparator output can be reset using the corresponding
RESET-CMP-FLAG-1 bit in the COMMON-DAC-TRIG register. For the reset to take effect, the input must be
within the window bounds.
DAC-1-MARGIN-HIGH
DAC-1-MARGIN-LOW
WIN-CMP-1
WIN-CMP-1
FB1
RESET-CMP-FLAG-1
WIN-LATCH-EN = 0
WIN-LATCH-EN = 1
Figure 6-7. Window Comparator Operation
A single comparator is used per channel to check both the margin-high and margin-low limits of the window.
Therefore, the window comparator function has a finite response time (see also Electrical Characteristics:
Comparator Mode section). The static behavior of the WIN-CMP-1 bit is not reflected at the output pins. Set the
CMP-1-OUT-EN bit to 0. The WIN-CMP-1 bit must be read digitally using the communication interface. This bit
can also be mapped to the GPIO/SDO pin (see also Table 6-10).
Note
• The value of the DAC-1-MARGIN-HIGH register must be greater than that of the DAC-1-MARGIN-
LOW register.
• Set the SLEW-RATE-1 bit to 0000b (no-slew) and LOG-SLEW-EN-1 bit to 0b in the DAC-1-FUNC-
CONFIG register to get the best response time from the window comparator.
• The CMP-1-OUT-EN bit in the DAC-1-GAIN-CMP-CONFIG register can be set to 0b to eliminate
undesired toggling of the VOUT1/AIN1 pin.
AFE532A3W, AFE432A3W
SLASFB2 – NOVEMBER 2023
www.ti.com
36
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: AFE532A3W AFE432A3W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com