Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AFEX32A3W Datasheet(PDF) 32 Page - Texas Instruments

Part # AFEX32A3W
Description  AFEx32A3W 10-Bit and 8-Bit, Three-Channel Voltage-Output, Current-Output, and ADC-Input Smart AFE With I2C or SPI
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AFEX32A3W Datasheet(HTML) 32 Page - Texas Instruments

Back Button AFEX32A3W Datasheet HTML 28Page - Texas Instruments AFEX32A3W Datasheet HTML 29Page - Texas Instruments AFEX32A3W Datasheet HTML 30Page - Texas Instruments AFEX32A3W Datasheet HTML 31Page - Texas Instruments AFEX32A3W Datasheet HTML 32Page - Texas Instruments AFEX32A3W Datasheet HTML 33Page - Texas Instruments AFEX32A3W Datasheet HTML 34Page - Texas Instruments AFEX32A3W Datasheet HTML 35Page - Texas Instruments AFEX32A3W Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 93 page
background image
6.4.1.1.1 Internal Reference
The AFEx32A3W contains an internal reference that is disabled by default. To enable the internal reference,
write 1 to bit EN-INT-REF in the COMMON-CONFIG register. The internal reference generates a fixed 1.21-V
voltage (typical). On channel 0, use the REF-GAIN-0 bit in the DAC-0-GAIN-CONFIG register to achieve gains of
1.5 ×, 2 ×, 3 ×, or 4 × for the DAC output voltage (VOUT). Similarly on channel 1, use the REF-GAIN-1 bit in the
DAC-1-GAIN-CMP-CONFIG register. Equation 1 shows the DAC transfer function using the internal reference, in
Volts.
VOUT=DAC_DATA2N×VREF×GAIN
(1)
where:
• N is the resolution in bits, 10 for AFE532A3W and 8 for AFE432A3W.
• DAC_DATA is the decimal equivalent of the binary code that is loaded to the DAC-x-DATA bit in the DAC-x-
DATA register. DAC_DATA ranges from 0 to 2N – 1.
• VREF is the internal reference voltage = 1.21 V (typical).
• GAIN = 1.5 ×, 2 ×, 3 ×, or 4 ×, based on REF-GAIN-x bits.
6.4.1.1.2 Power-Supply as Reference
The AFEx32A3W can operate with the power-supply pin (VDD) as a reference. Equation 2 shows DAC transfer
function in Volts, when the power-supply pin is used as reference. The gain at the output stage is always 1 ×.
VOUT=DAC_DATA2N×VDD
(2)
where:
• N is the resolution in bits, 10 for AFE532A3W and 8 for AFE432A3W.
• DAC_DATA is the decimal equivalent of the binary code that is loaded to the DAC-x-DATA bit in the DAC-x-
DATA register.
• DAC_DATA ranges from 0 to 2N – 1.
• VDD is used as the DAC reference voltage.
6.4.2 Current-Output Mode
To enable current output on DAC channel 2 (IOUT), write 00b to DAC-PDN-2 bits in the COMMON-CONFIG
register. Select the desired current-output range by writing to the IOUT-GAIN bits in the DAC-2-GAIN-CONFIG
register. The transfer function of the output current is shown in Equation 3, in Amperes.
IOUT=DAC_DATA2N×GAIN×K
(3)
where:
• N is the resolution in bits, 10 for AFE532A3W and 8 for AFE432A3W.
• DAC_DATA is the decimal equivalent of the binary code that is loaded to the DAC-2-DATA bit as specified in
the DAC-2-DATA register.
• GAIN is the value of the IOUT-GAIN setting as specified in the DAC-2-GAIN-CONFIG register.
• K is the transfer function constant, 0.5241 (typical).
AFE532A3W, AFE432A3W
SLASFB2 – NOVEMBER 2023
www.ti.com
32
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: AFE532A3W AFE432A3W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com