Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AFEX32A3W Datasheet(PDF) 65 Page - Texas Instruments

Part # AFEX32A3W
Description  AFEx32A3W 10-Bit and 8-Bit, Three-Channel Voltage-Output, Current-Output, and ADC-Input Smart AFE With I2C or SPI
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AFEX32A3W Datasheet(HTML) 65 Page - Texas Instruments

Back Button AFEX32A3W Datasheet HTML 61Page - Texas Instruments AFEX32A3W Datasheet HTML 62Page - Texas Instruments AFEX32A3W Datasheet HTML 63Page - Texas Instruments AFEX32A3W Datasheet HTML 64Page - Texas Instruments AFEX32A3W Datasheet HTML 65Page - Texas Instruments AFEX32A3W Datasheet HTML 66Page - Texas Instruments AFEX32A3W Datasheet HTML 67Page - Texas Instruments AFEX32A3W Datasheet HTML 68Page - Texas Instruments AFEX32A3W Datasheet HTML 69Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 93 page
background image
Table 7-18. Logarithmic-Slew Mode: FUNC-GEN-CONFIG-BLOCK-0 Field Descriptions
Bit
Field
Type
Reset
Description
12-11
PHASE-SEL-0
R/W
0h
00: 0°
01: 120°
10: 240°
11: 90°
10-8
FUNC-CONFIG-0
R/W
0h
000: Triangular wave
001: Sawtooth wave
010: Inverse sawtooth wave
100: Sine wave
111: Disable function generation
Others: Invalid
7
LOG-SLEW-EN-0
R/W
0h
1: Enable logarithmic slew.
In logarithmic slew mode, the DAC output moves from the
DAC-0-MARGIN-LOW code to the DAC-0-MARGIN-HIGH code,
or vice versa, in 3.125% steps.
When slewing in the positive direction, the next step is
(1 + 0.03125) times the current step.
When slewing in the negative direction, the next step is
(1 – 0.03125) times the current step.
When DAC-0-MARGIN-LOW is 0, the slew starts from code 1.
The time interval for each step is defined by RISE-SLEW-0 and
FALL-SLEW-0.
6-4
RISE-SLEW-0
R/W
0h
SLEW-RATE for logarithmic slew mode (DAC-0-MARGIN-LOW to
DAC-0-MARGIN-HIGH):
000: 4 µs/step
001: 12 µs/step
010: 27.04 µs/step
011: 60.72 µs/step
100: 136.72 µs/step
101: 418.64 µs/step
110: 1282 µs/step
111: 5127.92 µs/step
3-1
FALL-SLEW-0
R/W
0h
SLEW-RATE for logarithmic slew mode (DAC-0-MARGIN-HIGH
to DAC-0-MARGIN-LOW):
000: 4 µs/step
001: 12 µs/step
010: 27.04 µs/step
011: 60.72 µs/step
100: 136.72 µs/step
101: 418.64 µs/step
110: 1282 µs/step
111: 5127.92 µs/step
0
X
X
0h
Don't care
www.ti.com
AFE532A3W, AFE432A3W
SLASFB2 – NOVEMBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
65
Product Folder Links: AFE532A3W AFE432A3W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com