Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AFEX32A3W Datasheet(PDF) 5 Page - Texas Instruments

Part # AFEX32A3W
Description  AFEx32A3W 10-Bit and 8-Bit, Three-Channel Voltage-Output, Current-Output, and ADC-Input Smart AFE With I2C or SPI
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AFEX32A3W Datasheet(HTML) 5 Page - Texas Instruments

  AFEX32A3W Datasheet HTML 1Page - Texas Instruments AFEX32A3W Datasheet HTML 2Page - Texas Instruments AFEX32A3W Datasheet HTML 3Page - Texas Instruments AFEX32A3W Datasheet HTML 4Page - Texas Instruments AFEX32A3W Datasheet HTML 5Page - Texas Instruments AFEX32A3W Datasheet HTML 6Page - Texas Instruments AFEX32A3W Datasheet HTML 7Page - Texas Instruments AFEX32A3W Datasheet HTML 8Page - Texas Instruments AFEX32A3W Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 93 page
background image
5.5 Electrical Characteristics: Voltage Output
all minimum and maximum specifications at –40°C ≤ TA ≤ +125°C and typical specifications at TA = 25°C,
3 V ≤ VDD ≤ 5.5 V, VDD as reference, gain = 1 ×, voltage-output DAC pin (VOUTx) loaded with resistive load (RL = 5 kΩ to
AGND) and capacitive load (CL = 200 pF to AGND), and digital inputs at VDD or AGND (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
STATIC PERFORMANCE
Resolution
AFE532A3W
10
Bits
AFE432A3W
8
INL
Integral nonlinearity(1)
AFE532A3W
–1.25
1.25
LSB
AFE432A3W
–1
1
DNL Differential nonlinearity(1)
–1
1
LSB
Zero-code error(2)
Code 0d into DAC, VDD = 5.5 V
6
12
mV
Code 0d into DAC, internal VREF, gain = 4 ×,
VDD = 5.5 V
6
15
Zero-code-error temperature
coefficient(2)
±10
µV/°C
Offset error(2)
3 V ≤ VDD ≤ 5.5 V, VFB pin shorted to VOUT, DAC code:
8d for 10-bit resolution, 2d for 8-bit resolution
–0.5
0.25
0.5
%FSR
Offset-error temperature
coefficient(2)
VFB pin shorted to VOUT, DAC code: 8d for 10-bit
resolution, 2d for 8-bit resolution
±0.0003
%FSR/°C
Gain error(2)
Between end-point codes: 8d to 1016d for 10-bit
resolution, 2d to 254d for 8-bit resolution
–0.5
0.25
0.5
%FSR
Gain-error temperature
coefficient(2)
Between end-point codes: 8d to 1016d for 10-bit
resolution, 2d to 254d for 8-bit resolution
±0.0008
%FSR/°C
Full-scale error(2)
3 V ≤ VDD ≤ 5.5 V, DAC at full scale
–0.5
0.5
%FSR
Full-scale-error temperature
coefficient(2)
DAC at full scale
±0.0008
%FSR/°C
OUTPUT
Output voltage
0
VDD
V
CL
Capacitive load(3)
RL = infinite, phase margin = 30°
200
pF
Phase margin = 30°
1000
Short-circuit current
VDD = 3 V, full-scale output shorted to AGND or
zero-scale output shorted to VDD
50
mA
VDD = 5.5 V, full-scale output shorted to AGND or
zero-scale output shorted to VDD
60
Output-voltage headroom(3)
To VDD, DAC output unloaded, internal reference =
1.21 V), VDD ≥ 1.21 V × gain + 0.2 V
0.2
V
To VDD and to AGND, DAC output unloaded
0.8
%FSR
To VDD and to AGND, ILOAD = 10 mA at VDD = 5.5 V,
ILOAD = 3 mA at VDD = 3 V
10
ZO
VFB dc output impedance(4)
DAC output enabled, internal reference (gain = 1.5 ×
or 2 ×) or VDD as reference (gain = 1 ×)
400
500
600
kΩ
DAC output enabled, internal VREF, gain = 3 × or 4 ×
325
400
485
Power-supply rejection ratio
(dc)
Internal VREF, gain = 2 ×, DAC at midscale,
VDD = 5 V ±10%
0.25
mV/V
www.ti.com
AFE532A3W, AFE432A3W
SLASFB2 – NOVEMBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: AFE532A3W AFE432A3W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com