Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AFEX32A3W Datasheet(PDF) 1 Page - Texas Instruments

Part # AFEX32A3W
Description  AFEx32A3W 10-Bit and 8-Bit, Three-Channel Voltage-Output, Current-Output, and ADC-Input Smart AFE With I2C or SPI
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AFEX32A3W Datasheet(HTML) 1 Page - Texas Instruments

  AFEX32A3W Datasheet HTML 1Page - Texas Instruments AFEX32A3W Datasheet HTML 2Page - Texas Instruments AFEX32A3W Datasheet HTML 3Page - Texas Instruments AFEX32A3W Datasheet HTML 4Page - Texas Instruments AFEX32A3W Datasheet HTML 5Page - Texas Instruments AFEX32A3W Datasheet HTML 6Page - Texas Instruments AFEX32A3W Datasheet HTML 7Page - Texas Instruments AFEX32A3W Datasheet HTML 8Page - Texas Instruments AFEX32A3W Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 93 page
background image
AFEx32A3W 10-Bit and 8-Bit, Three-Channel Voltage-Output, Current-Output, and
ADC-Input Smart AFE With I2C or SPI
1 Features
• Current-source DAC:
– 1-LSB DNL
– Two ranges: 300 mA and 220 mA
– 770-mV headroom
• Dual voltage-output DACs:
– 1-LSB DNL
– Gains of 1 ×, 1.5 ×, 2 ×, 3 ×, and 4 ×
• ADC input on channel 1
• Programmable comparator mode on channel 1
• High-impedance output when VDD is off
• High-impedance and resistive pulldown power-
down modes
• 50-MHz SPI-compatible interface
• Automatically detects I2C or SPI
– 1.62-V VIH with VDD = 5.5 V
• General-purpose input/output (GPIO) configurable
as multiple functions
• Predefined waveform generation: sine, cosine,
triangular, sawtooth
• User-programmable nonvolatile memory (NVM)
• Internal or power-supply as reference
• Wide operating range:
– Power supply: 3 V to 5.5 V
– Temperature: –40˚C to +125˚C
2 Applications
• Optical module
• Laser
3 Description
The 10-bit AFE532A3W and the 8-bit AFE432A3W
(AFEx32A3W) are a three-channel, buffered voltage-
output, current-output, and ADC-input smart analog
front end (AFE). The AFEx32A3W devices support
a current source that can be used for linear
control of laser diodes and miniature motors. These
devices support Hi-Z power-down mode and Hi-
Z output during power-off conditions for voltage
output. Channel 1 can be configured as an ADC,
voltage-output DAC or a comparator. The voltage-
output DACs provide a force-sense option for use
as a programmable comparator and current sink.
The multifunction GPIO, function generation, and
programmable nonvolatile memory (NVM) enable
these smart AFEs for processor-less applications and
design reuse. These devices automatically detect SPI
or I2C interfaces and contain an internal reference.
The AFEx32A3W feature set combined with the tiny
package and low power make these smart AFEs an
excellent choice for applications such as laser diode
power control and electro-absorption modulated laser
(EML) control in passive optical network (PON) and
other industrial laser applications.
Device Information
PART NUMBER
PACKAGE(1)
PACKAGE SIZE (2)
AFE532A3W
YBH (DSBGA, 16)
1.72 mm × 1.72 mm
AFE432A3W
YBH (DSBGA, 16)
1.72 mm × 1.72 mm
(1)
For more information see Section 11.
(2)
The package size (length × width) is a nominal value and
includes pins, where applicable.
AFEx32A3W
VDD
IDAC
NVM
Internal
Reference
LDO
Output Configuration
Logic
CAP
AGND
SDA/SCLK
SCL/SYNC
A0/SDI
GPIO/SDO
1.5 F
100 nF
ADC
VOUT
LOW
HIGH
VDD
VDD
+
–
10 k
10 k
BUFFER
BUFFER
BUFFER
FB1
10 k
VDD
PVDD
VSS
PGND
EAM
EML
Figure 3-1. Electro-absorption Modulated Laser (EML) Control Using AFEx32A3W
AFE532A3W, AFE432A3W
SLASFB2 – NOVEMBER 2023
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - AFEX32A3W

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AFEX3004W TI2-AFEX3004W Datasheet
2Mb / 87P
AFEx3004W 10-Bit, 12-Bit, Quad Voltage and Current Output, 10-Bit ADC, Smart AFEs in DSBGA Package
28-Sep-2025
AFEX3902-Q1 TI1-AFEX3902-Q1 Datasheet
2Mb / 65P
AFEx3902-Q1 Smart Analog Front End (AFE) for Multislope Thermal Foldback and LUT-Based Control With I2C and SPI
JUNE 2023
AFEX39XX TI1-AFEX39XX Datasheet
2Mb / 69P
AFEx39xx 12-Bit, 10-Bit, and 8-Bit Smart Analog Front Ends for TEC Control Using Voltage and PWM Output
REVISED JULY 2023
More results

Similar Description - AFEX32A3W

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC63004 TI-DAC63004 Datasheet
2Mb / 62P
DACx3004 12-Bit and 10-Bit, Ultra-Low-Power, Quad Voltage and Current Output Smart DACs With Auto-Detected I2C, PMBus?? or SPI
DAC63204 TI-DAC63204 Datasheet
2Mb / 63P
DACx3204 12-Bit, 10-Bit, and 8-Bit, Quad Voltage and Current Output Smart DACs With Auto-Detected I2C, PMBus?? or SPI Interface
DAC63004 TI-DAC63004_V01 Datasheet
2Mb / 63P
DACx3004 12-Bit and 10-Bit, Ultra-Low-Power, Quad Voltage and Current Output Smart DACs With Auto-Detected I2C, PMBus?? or SPI
DAC63204 TI-DAC63204_V01 Datasheet
2Mb / 63P
DACx3204 12-Bit, 10-Bit, and 8-Bit, Quad Voltage and Current Output Smart DACs With Auto-Detected I2C, PMBus?? or SPI Interface
SLASEX3 ??MARCH 2021
DAC63004 TI-DAC63004_V02 Datasheet
3Mb / 83P
DACx3004 12-Bit and 10-Bit, Ultra-Low-Power, Quad Voltage and Current Output Smart DACs With Auto-Detected I2C, PMBus?? or SPI
DECEMBER 2021
DAC63204 TI-DAC63204_V02 Datasheet
3Mb / 82P
DACx3204 12-Bit, 10-Bit, and 8-Bit, Quad Voltage and Current Output Smart DACs With Auto-Detected I2C, PMBus?? or SPI Interface
DECEMBER 2021
DAC53202 TI-DAC53202 Datasheet
3Mb / 83P
DACx3202 12-Bit and 10-Bit, Dual, Voltage and Current Output Smart DACs With Auto-Detected I2C, PMBus™, or SPI Interface
MAY 2022
DAC53204-Q1 TI1-DAC53204-Q1 Datasheet
3Mb / 84P
DACx3204‑Q1 Automotive, 12-Bit and 10-Bit, Quad, Voltage and Current Output Smart DACs With Auto-Detected I2C, PMBus™, or SPI
APRIL 2023
DAC53004W TI1-DAC53004W Datasheet
2Mb / 85P
DACx3004W 12-Bit and 10-Bit, Ultra-Low-Power, Quad Voltage and Current Output Smart DACs With Auto-Detected I2C, SPI, or PMBus Interface
MARCH 2023
DAC532A3W TI1-DAC532A3W Datasheet
2Mb / 88P
DAC53xAxW 10-Bit Three-Channel and Two-Channel Voltage-Output and Current- Output Smart DAC With I2C or SPI
NOVEMBER 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com