Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AFEX32A3W Datasheet(PDF) 39 Page - Texas Instruments

Part # AFEX32A3W
Description  AFEx32A3W 10-Bit and 8-Bit, Three-Channel Voltage-Output, Current-Output, and ADC-Input Smart AFE With I2C or SPI
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AFEX32A3W Datasheet(HTML) 39 Page - Texas Instruments

Back Button AFEX32A3W Datasheet HTML 35Page - Texas Instruments AFEX32A3W Datasheet HTML 36Page - Texas Instruments AFEX32A3W Datasheet HTML 37Page - Texas Instruments AFEX32A3W Datasheet HTML 38Page - Texas Instruments AFEX32A3W Datasheet HTML 39Page - Texas Instruments AFEX32A3W Datasheet HTML 40Page - Texas Instruments AFEX32A3W Datasheet HTML 41Page - Texas Instruments AFEX32A3W Datasheet HTML 42Page - Texas Instruments AFEX32A3W Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 93 page
background image
6.4.6 Application-Specific Modes
This section provides the details of application-specific functional modes available in the AFEx32A3W.
6.4.6.1 Voltage Margining and Scaling
Voltage margining or scaling is a primary application for the AFEx32A3W. This section provides specific features
available for this application such as Hi-Z output, slew-rate control, and PROTECT input.
6.4.6.1.1 High-Impedance Output and PROTECT Input
All the DAC output channels remain in a Hi-Z when VDD is off. Figure 6-9 shows a simplified schematic of the
AFEx32A3W used in a voltage-margining application. Almost all linear regulators and DC/DC converters have a
feedback voltage of ≤ 1.25 V. The low-leakage currents at the outputs are maintained for VFB of ≤ 1.25 V. Thus,
for all practical purposes, the DAC outputs appear as Hi-Z when VDD of the DAC is off in voltage margining and
scaling applications. This feature allows for seamless integration of the AFEx32A3W into a system without any
need for additional power-supply sequencing for the DAC.
DAC
VIN
VREG
R1
R2
RS
VFB
Linear
Regulator
or
DC/DC
Converter
VDD
1.25 V
ZOUT
ILEAK
PROTECT
Figure 6-9. High-Impedance (Hi-Z) Output and PROTECT Input
The DAC channels power down to Hi-Z at boot up. The outputs can power up with a preprogrammed code that
corresponds to the nominal output of the DC/DC converter or the linear regulator. This feature allows for smooth
power up and power down of the DAC without impacting the feedback loop of the DC/DC converter or the linear
regulator.
Table 6-9 shows how the GPIO/SDO pin of the AFEx32A3W can be configured as a PROTECT function.
PROTECT takes the DAC outputs to a predictable state with a slewed or direct transition. This function is useful
in systems where a fault condition (such as a brownout), a subsystem failure, or a software crash requires that
the DAC outputs reach a predefined state without the involvement of a processor. The detected event can be fed
to the GPIO/SDO pin that is configured as the PROTECT input. The PROTECT function can also be triggered
using the PROTECT bit in the COMMON-TRIGGER register. Table 6-5 shows how to configure the behavior of
the PROTECT function in the PROTECT-CONFIG field in the DEVICE-MODE-CONFIG register.
Note
• After the PROTECT function is triggered, the write functionality is disabled on the communication
interface until the function is completed.
• The PROTECT-FLAG bit in the CMP-STATUS register is set to 1 when the PROTECT function
is triggered. This bit can be polled by reading the CMP-STATUS register. After the PROTECT
function is complete, a read command on the CMP-STATUS register resets the PROTECT-FLAG
bit.
Table 6-5. PROTECT Function Configuration
PROTECT-CONFIG FIELD
FUNCTION
00
Switch to Hi-Z power-down (no slew).
01
Switch to DAC code stored in NVM (no slew) and then switch to Hi-Z power-down.
10
Slew to margin-low code and then switch to Hi-Z power-down.
11
Slew to margin-high code and then switch to Hi-Z power-down.
www.ti.com
AFE532A3W, AFE432A3W
SLASFB2 – NOVEMBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
39
Product Folder Links: AFE532A3W AFE432A3W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com