Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AFEX32A3W Datasheet(PDF) 68 Page - Texas Instruments

Part # AFEX32A3W
Description  AFEx32A3W 10-Bit and 8-Bit, Three-Channel Voltage-Output, Current-Output, and ADC-Input Smart AFE With I2C or SPI
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AFEX32A3W Datasheet(HTML) 68 Page - Texas Instruments

Back Button AFEX32A3W Datasheet HTML 64Page - Texas Instruments AFEX32A3W Datasheet HTML 65Page - Texas Instruments AFEX32A3W Datasheet HTML 66Page - Texas Instruments AFEX32A3W Datasheet HTML 67Page - Texas Instruments AFEX32A3W Datasheet HTML 68Page - Texas Instruments AFEX32A3W Datasheet HTML 69Page - Texas Instruments AFEX32A3W Datasheet HTML 70Page - Texas Instruments AFEX32A3W Datasheet HTML 71Page - Texas Instruments AFEX32A3W Datasheet HTML 72Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 93 page
background image
7.14 DAC-2-FUNC-CONFIG Register (address = 06h) [reset = 0000h]
Figure 7-14. DAC-2-FUNC-CONFIG Register
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
CLR-SEL-2
SYNC-
CONFIG-2
BRD-
CONFIG-2
FUNC-GEN-CONFIG-BLOCK-2
R/W-0h
R/W-0h
R/W-0h
R/W-000h
Table 7-22. DAC-2-FUNC-CONFIG Register Field Descriptions
Bit
Field
Type
Reset
Description
15
CLR-SEL-2
R/W
0h
0: Clear DAC channel 2 to zero scale.
1: Clear DAC channel 2 to midscale.
14
SYNC-CONFIG-2
R/W
0h
0: DAC channel 2 output updates immediately after a write
command.
1: DAC channel 2 output updates with LDAC pin falling-edge or
when the LDAC bit in the COMMON-TRIGGER register is set to
1.
13
BRD-CONFIG-2
R/W
0h
0: Don't update DAC channel 2 with broadcast command.
1: Update DAC channel 2 with broadcast command.
Table 7-23. Linear-Slew Mode: FUNC-GEN-CONFIG-BLOCK-2 Field Descriptions
Bit
Field
Type
Reset
Description
12-11
PHASE-SEL-2
R/W
0h
00: 0°
01: 120°
10: 240°
11: 90°
10-8
FUNC-CONFIG-2
R/W
0h
000: Triangular wave
001: Sawtooth wave
010: Inverse sawtooth wave
100: Sine wave
111: Disable function generation
Others: Invalid
7
LOG-SLEW-EN-2
R/W
0h
0: Enable linear slew
6-4
CODE-STEP-2
R/W
0h
CODE-STEP for linear slew mode:
000: 1-LSB
001: 2-LSB
010: 3-LSB
011: 4-LSB
100: 6-LSB
101: 8-LSB
110: 16-LSB
111: 32-LSB
3-0
SLEW-RATE-2
R/W
0h
SLEW-RATE for linear slew mode:
0000: No slew for margin-high and margin-low. Invalid for
waveform generation.
0001: 4 µs/step
0010: 8 µs/step
0011: 12 µs/step
0100: 18 µs/step
0101: 27.04 µs/step
0110: 40.48 µs/step
0111: 60.72 µs/step
1000: 91.12 µs/step
1001: 136.72 µs/step
1010: 239.2 µs/step
1011: 418.64 µs/step
1100: 732.56 µs/step
1101: 1282 µs/step
1110: 2563.96 µs/step
1111: 5127.92 µs/step
AFE532A3W, AFE432A3W
SLASFB2 – NOVEMBER 2023
www.ti.com
68
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: AFE532A3W AFE432A3W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com