Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AFEX32A3W Datasheet(PDF) 49 Page - Texas Instruments

Part # AFEX32A3W
Description  AFEx32A3W 10-Bit and 8-Bit, Three-Channel Voltage-Output, Current-Output, and ADC-Input Smart AFE With I2C or SPI
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AFEX32A3W Datasheet(HTML) 49 Page - Texas Instruments

Back Button AFEX32A3W Datasheet HTML 45Page - Texas Instruments AFEX32A3W Datasheet HTML 46Page - Texas Instruments AFEX32A3W Datasheet HTML 47Page - Texas Instruments AFEX32A3W Datasheet HTML 48Page - Texas Instruments AFEX32A3W Datasheet HTML 49Page - Texas Instruments AFEX32A3W Datasheet HTML 50Page - Texas Instruments AFEX32A3W Datasheet HTML 51Page - Texas Instruments AFEX32A3W Datasheet HTML 52Page - Texas Instruments AFEX32A3W Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 93 page
background image
1
24
8
9
D23
D16
D15
D0
Read command
SYNC
SCLK
SDI
SDO
1
24
8
9
D23
D16
D15
D0
Any command
D23
D16
D15
D0
Read Data
HiZ
HiZ
HiZ
Figure 6-16. SPI Read Cycle
The daisy-chain operation is also enabled with the SDO pin. Figure 6-17 shows that in daisy-chain mode,
multiple devices are connected in a chain with the SDO pin of one device is connected to SDI pin of the following
device. The SPI host drives the SDI pin of the first device in the chain. The SDO pin of the last device in
the chain is connected to the POCI pin of the SPI host. In four-wire SPI mode, if the access cycle contains
multiples of 24 clock edges, only the last 24 bits are used by the device first device in the chain. If the access
cycle contains clock edges that are not in multiples of 24, the SPI packet is ignored by the device. Figure 6-18
describes the packet format for the daisy-chain write cycle.
SDI
SDO
SCLK
SYNC
TI SPI Device
TI SPI Device
TI SPI Device
C
B
A
SDI
SDO
SCLK
SYNC
SDI
SDO
SCLK
SYNC
R
PULL-UP
VIO
R
PULL-UP
VIO
R
PULL-UP
VIO
Figure 6-17. SPI Daisy-Chain Connection
1
24
8
9
D23
D16
D15
D0
Device A command
SYNC
SCLK
SDI-C
SDO-C
D23 – D1
Device B command
D0
25
48
D23 – D1
Device C command
D0
49
72
Device A command
Device B command
Figure 6-18. SPI Daisy-Chain Write Cycle
www.ti.com
AFE532A3W, AFE432A3W
SLASFB2 – NOVEMBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
49
Product Folder Links: AFE532A3W AFE432A3W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com