Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MBM29PL65LM90TN Datasheet(PDF) 26 Page - SPANSION

Part # MBM29PL65LM90TN
Description  FLASH MEMORY CMOS 64 M (4M X 16) BIT MirrorFlashTM
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MBM29PL65LM90TN Datasheet(HTML) 26 Page - SPANSION

Back Button MBM29PL65LM90TN Datasheet HTML 22Page - SPANSION MBM29PL65LM90TN Datasheet HTML 23Page - SPANSION MBM29PL65LM90TN Datasheet HTML 24Page - SPANSION MBM29PL65LM90TN Datasheet HTML 25Page - SPANSION MBM29PL65LM90TN Datasheet HTML 26Page - SPANSION MBM29PL65LM90TN Datasheet HTML 27Page - SPANSION MBM29PL65LM90TN Datasheet HTML 28Page - SPANSION MBM29PL65LM90TN Datasheet HTML 29Page - SPANSION MBM29PL65LM90TN Datasheet HTML 30Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 56 page
background image
MBM29PL65LM-90/10
26
If Data Polling or the Toggle Bit I indicates that a valid erase command has been written, DQ3 may be used to
determine whether the sector erase timer window is still open. If DQ3 is high (“1”) the internally controlled erase
cycle has begun. If DQ3 is low (“0”) , the device will accept additional sector erase commands. To insure the
command has been accepted, the system software should check the status of DQ3 prior to and following each
subsequent Sector Erase command. If DQ3 were high on the second status check, the command may not have
been accepted.
See “Hardware Sequence Flags”.
DQ2
Toggle Bit II
This toggle bit II, along with DQ6, can be used to determine whether the device is in the Embedded Erase
Algorithm or in Erase Suspend.
Successive reads from the erasing sector will cause DQ2 to toggle during the Embedded Erase Algorithm. If the
device is in the erase-suspended-read mode, successive reads from the erase-suspended sector will cause
DQ2 to toggle. When the device is in the erase-suspended-program mode, successive reads from the non-erase
suspended sector will indicate a logic “1” at the DQ2 bit.
DQ6 is different from DQ2 in that DQ6 toggles only when the standard program or Erase, or Erase Suspend
Program operation is in progress. The behavior of these two status bits, along with that of DQ7, is summarized
as follows :
For example, DQ2 and DQ6 can be used together to determine if the erase-suspend-read mode is in progress.
(DQ2 toggles while DQ6 does not.) See also “Toggle Bit Status” and "DQ2 vs DQ6".
Furthermore DQ2 can also be used to determine which sector is being erased. At the erase mode, DQ2 toggles
if this bit is read from an erasing sector.
Reading Toggle Bits DQ6/DQ2
Whenever the system initially begins reading toggle bit status, it must read DQ7 to DQ0 at least twice in a row
to determine whether a toggle bit is toggling. Typically a system would note and store the value of the toggle bit
after the first read. After the second read, the system would compare the new value of the toggle bit with the
first. If the toggle bit is not toggling, the device has completed the program or erase operation. The system can
read array data on DQ7 to DQ0 on the following read cycle.
However, if, after the initial two read cycles, the system determines that the toggle bit is still toggling, the system
also should note whether the value of DQ5 is high (see the section on DQ5) . If it is, the system should then
determine again whether the toggle bit is toggling, since the toggle bit may have stopped toggling just as DQ5
went high. If the toggle bit is no longer toggling, the device has successfully completed the program or erase
operation. If it is still toggling, the device did not complete the operation successfully, and the system must write
the reset command to return to reading array data.
The remaining scenario is that the system initially determines that the toggle bit is toggling and DQ5 has not
gone high. The system may continue to monitor the toggle bit and DQ5 through successive read cycles, deter-
mining the status as described in the previous paragraph. Alternatively, it may choose to perform other system
tasks. In this case, the system must start at the beginning of the algorithm when it returns to determine the
status of the operation. Refer to “Toggle Bit Algorithm”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com