Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MBM29PL65LM90TN Datasheet(PDF) 17 Page - SPANSION

Part # MBM29PL65LM90TN
Description  FLASH MEMORY CMOS 64 M (4M X 16) BIT MirrorFlashTM
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MBM29PL65LM90TN Datasheet(HTML) 17 Page - SPANSION

Back Button MBM29PL65LM90TN Datasheet HTML 13Page - SPANSION MBM29PL65LM90TN Datasheet HTML 14Page - SPANSION MBM29PL65LM90TN Datasheet HTML 15Page - SPANSION MBM29PL65LM90TN Datasheet HTML 16Page - SPANSION MBM29PL65LM90TN Datasheet HTML 17Page - SPANSION MBM29PL65LM90TN Datasheet HTML 18Page - SPANSION MBM29PL65LM90TN Datasheet HTML 19Page - SPANSION MBM29PL65LM90TN Datasheet HTML 20Page - SPANSION MBM29PL65LM90TN Datasheet HTML 21Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 56 page
background image
MBM29PL65LM-90/10
17
protected again. Refer to “Temporary Sector Group Unprotection Timing Diagram” in s SWITCHING WAVE-
FORMS and “Temporary Sector Group Unprotection Algorithm” in s FLOW CHART.
Hardware Reset
The device may be reset by driving the RESET pin to VIL. The RESET pin has a pulse requirement and has to
be kept low (VIL) for at least “tRP” in order to properly reset the internal state machine. Any operation in the process
of being executed is terminated and the internal state machine is reset to the read mode “tREADY” after the RESET
pin is driven low.
Furthermore once the RESET pin goes high the device requires an additional “tRH” before it allows read access.
When the RESET pin is low, the device is in the standby mode for the duration of the pulse and all the data
output pins are tri-stated. If a hardware reset occurs during a program or erase operation, the data at that
particular location are corrupted.
Write Protect (WP)
Aside from Sector Group Protection, MBM29PL65LM provides another function that protects the first sector
(SA0) during programming and erase. When WP = VIL, this first sector (SA0) becomes protected while Sector
Group Protection for all the other sectors are temporarily lifted.
Accelerated Program Operation
The device offers accelerated program operation which enables the programming in high speed. If the system
asserts VACC to the ACC pin, the device automatically enters the acceleration mode and the time required for
program operation will reduce to about 85%. This function is primarily intended to allow high speed program,
so caution is needed as the sector group becomes temporarily unprotected.
The system uses fast program command sequence when programming during acceleration mode. Set command
to fast mode and reset command from fast mode are not necessary. When the device enters the acceleration
mode, the device automatically set to fast mode. Therefore the present sequence is used for programming and
detection of completion during acceleration mode.
Removing VACC from the ACC pin and applying VIL or VIH returns the device to normal operation. Do not remove
VACC from ACC pin while programming. See “Accelerated Program Timing Diagram”.
VCCQ
The output voltage generated on the device is determined based on the VCCQ level. This feature allows the device
to operate in mixed-voltage environments, driving and receiving signals to and from other devices on the same
bus.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com