Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MBM29PL65LM90TN Datasheet(PDF) 32 Page - SPANSION

Part # MBM29PL65LM90TN
Description  FLASH MEMORY CMOS 64 M (4M X 16) BIT MirrorFlashTM
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MBM29PL65LM90TN Datasheet(HTML) 32 Page - SPANSION

Back Button MBM29PL65LM90TN Datasheet HTML 28Page - SPANSION MBM29PL65LM90TN Datasheet HTML 29Page - SPANSION MBM29PL65LM90TN Datasheet HTML 30Page - SPANSION MBM29PL65LM90TN Datasheet HTML 31Page - SPANSION MBM29PL65LM90TN Datasheet HTML 32Page - SPANSION MBM29PL65LM90TN Datasheet HTML 33Page - SPANSION MBM29PL65LM90TN Datasheet HTML 34Page - SPANSION MBM29PL65LM90TN Datasheet HTML 35Page - SPANSION MBM29PL65LM90TN Datasheet HTML 36Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 56 page
background image
MBM29PL65LM-90/10
32
• Write (Erase/Program) Operations
(Continued)
Parameter
Symbol
MBM29PL65LM-90 MBM29PL65LM-10
Unit
JEDEC Standard
Min
Typ
Max
Min
Typ
Max
Write Cycle Time
tWC
tWC
90
—
—
100
—
—
ns
Address Setup Time
tAS
tAS
0—
—0—
—
ns
Address Setup Time to OE Low During
Toggle Bit Polling
tASO
tASO
15
—
—
15
—
—
ns
Address Hold Time
tAH
tAH
45
—
—
45
—
—
ns
Address Hold Time from CE or OE High
During Toggle Bit Polling
tAHT
tAHT
0—
—0—
—
ns
Data Setup Time
tDS
tDS
35
—
—
35
—
—
ns
Data Hold Time
tDH
tDH
0—
—0—
—
ns
Output Enable Setup Time
tOES
tOES
0—
—0—
—
ns
CE High During Toggle Bit Polling
tCEPH
tCEPH
20
—
—
20
—
—
ns
OE High During Toggle Bit Polling
tOEPH
tOEPH
20
—
—
20
—
—
ns
Read Recover Time Before Write
(OE High to WE Low)
tGHWL
tGHWL
0—
—0—
—
ns
Read Recover Time Before Write
(OE High to CE Low)
tGHEL
tGHEL
0—
—0—
—
ns
CE Setup Time
tCS
tCS
0—
—0—
—
ns
WE Setup Time
tWS
tWS
0—
—0—
—
ns
CE Hold Time
tCH
tCH
0—
—0—
—
ns
WE Hold Time
tWH
tWH
0—
—0—
—
ns
CE Pulse Width
tCP
tCP
35
—
—
35
—
—
ns
Write Pulse Width
tWP
tWP
35
—
—
35
—
—
ns
CE Pulse Width High
tCPH
tCPH
25
—
—
25
—
—
ns
Write Pulse Width High
tWPH
tWPH
30
—
—
30
—
—
ns
Effective Page Programming Time
(Write Buffer Programming)
Per Word
tWHWH1
tWHWH1
—
23.5
—
—
23.5
—
µs
Programming Time
Word
—
100
—
—
100
—
µs
Sector Erase Operation *1
tWHWH2
tWHWH2
—1.0
—
—
1.0—
s
VCC Setup Time
tVCS
tVCS
50
—
—
50
—
—
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com