Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MBM29PL65LM90TN Datasheet(PDF) 33 Page - SPANSION

Part # MBM29PL65LM90TN
Description  FLASH MEMORY CMOS 64 M (4M X 16) BIT MirrorFlashTM
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MBM29PL65LM90TN Datasheet(HTML) 33 Page - SPANSION

Back Button MBM29PL65LM90TN Datasheet HTML 29Page - SPANSION MBM29PL65LM90TN Datasheet HTML 30Page - SPANSION MBM29PL65LM90TN Datasheet HTML 31Page - SPANSION MBM29PL65LM90TN Datasheet HTML 32Page - SPANSION MBM29PL65LM90TN Datasheet HTML 33Page - SPANSION MBM29PL65LM90TN Datasheet HTML 34Page - SPANSION MBM29PL65LM90TN Datasheet HTML 35Page - SPANSION MBM29PL65LM90TN Datasheet HTML 36Page - SPANSION MBM29PL65LM90TN Datasheet HTML 37Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 56 page
background image
MBM29PL65LM-90/10
33
(Continued)
*1 : This does not include the preprogramming time.
*2 : This timing is for Sector Group Protection operation.
*3 : This timing is for Accelerated Program operation.
s
s
s
s ERASE AND PROGRAMMING PERFORMANCE
s
s
s
s TSOP (1) PIN CAPACITANCE
Note : Test conditions TA =
+25°C, f = 1.0 MHz
DQ15 pin capacitance is stipulated by output capacitance.
Parameter
Symbol
MBM29PL65LM-90
MBM29PL65LM-10
Unit
JEDEC
Standard
Min
Typ
Max
Min
Typ
Max
Rise Time to VID *2
tVIDR
tVIDR
500
—
—
500
—
—
ns
Rise Time to VACC *3
tVACCR
tVACCR
500
—
—
500
—
—
ns
Voltage Transition Time *2
tVLHT
tVLHT
4—
—4
—
—
µs
Write Pulse Width *2
tWPP
tWPP
100
—
—
100
—
—
µs
OE Setup Time to WE Active *2
tOESP
tOESP
4—
—4
—
—
µs
CE Setup Time to WE Active *2
tCSP
tCSP
4—
—4
—
—
µs
RESET Pulse Width
tRP
tRP
500
—
—
500
—
—
ns
RESET High Time Before Read
tRH
tRH
100
—
—
100
—
—
ns
Delay Time from Embedded Output
Enable
tEOE
tEOE
—
—
90
—
—
100
ns
Erase Time-out Time
tTOW
tTOW
50
—
—
50
—
—
µs
Erase Suspend Transition Time
tSPD
tSPD
—
—
20
—
—
20
µs
Parameter
Limits
Unit
Remarks
Min
Typ
Max
Sector Erase Time
—
1
15
s
Excludes programming time prior
to erasure
Programming Time
—
100
3000
µs
Excludes system-level overhead
Effective Page Programming Time
(Write Buffer Programming)
—
23.5
—
µs
Chip Programming Time
—
—
600
s
Absolute Maximum
Programming Time (16 words)
——
6
ms
Non programming within the same
page
Erase/Program Cycle
100,000
—
—
cycle
—
Parameter
Symbol
Test Setup
Value
Unit
Min
Typ
Max
Input Capacitance
CIN
VIN = 0
—
8
10
pF
Output Capacitance
COUT
VOUT = 0
—
8.5
12
pF
Control Pin Capacitance
CIN2
VIN = 0
—
8
10
pF
RESET pin and ACC Pin
Capacitance
CIN3
VIN = 0
—
20
25
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com