Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MBM29PL65LM90TN Datasheet(PDF) 28 Page - SPANSION

Part # MBM29PL65LM90TN
Description  FLASH MEMORY CMOS 64 M (4M X 16) BIT MirrorFlashTM
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MBM29PL65LM90TN Datasheet(HTML) 28 Page - SPANSION

Back Button MBM29PL65LM90TN Datasheet HTML 24Page - SPANSION MBM29PL65LM90TN Datasheet HTML 25Page - SPANSION MBM29PL65LM90TN Datasheet HTML 26Page - SPANSION MBM29PL65LM90TN Datasheet HTML 27Page - SPANSION MBM29PL65LM90TN Datasheet HTML 28Page - SPANSION MBM29PL65LM90TN Datasheet HTML 29Page - SPANSION MBM29PL65LM90TN Datasheet HTML 30Page - SPANSION MBM29PL65LM90TN Datasheet HTML 31Page - SPANSION MBM29PL65LM90TN Datasheet HTML 32Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 56 page
background image
MBM29PL65LM-90/10
28
s
s
s
s ABSOLUTE MAXIMUM RATINGS
*1 : Voltage is defined on the basis of VSS = GND = 0 V.
*2 : Minimum DC voltage on input or I/O pins is –0.5 V. During voltage transitions, input or I/O pins may undershoot
VSS to –0.2 V for periods of up to 20 ns. Maximum DC voltage on input or I/O pins is VCC +0.5 V.
During voltage transitions, input or I/O pins may overshoot to VCC +2.0 V for periods of up to 20 ns
*3 : Minimum DC input voltage is –0.5V. During voltage transitions, these pins may undershoot VSS to –0.2 V
for periods of up to 20 ns.Voltage difference between input and supply voltage ( VIN–VCC) dose not
exceed to +9.0 V.Maximum DC input voltage is +12.5 V which may overshoot to +14.0 V for periods of
up to 20 ns .
WARNING: Semiconductor devices can be permanently damaged by application of stress (voltage, current,
temperature, etc.) in excess of absolute maximum ratings. Do not exceed these ratings.
s
s
s
s RECOMMENDED OPERATING RANGES*1
*1 : Operating ranges define those limits between which the functionality of the device is guaranteed.
*2 : Voltage is defined on the basis of VSS = GND = 0 V.
*3 : VCC and VCCQ supply voltage must be on the same level.
WARNING: The recommended operating conditions are required in order to ensure the normal operation of the
semiconductor device. All of the device’s electrical characteristics are warranted when the device is
operated within these ranges.
Always use semiconductor devices within their recommended operating condition ranges. Operation
outside these ranges may adversely affect reliability and could result in device failure.
No warranty is made with respect to uses, operating conditions, or combinations not represented on
the data sheet. Users considering application outside the listed conditions are advised to contact their
FUJITSU representatives beforehand.
Parameter
Symbol
Rating
Unit
Min
Max
Storage Temperature
Tstg
–55
+125
°C
Ambient Temperature with Power Applied
TA
–20
+85
°C
Voltage with Respect to Ground All Pins Except
A9, OE, and RESET *1,*2
VIN, VOUT
–0.5
VCC +0.5
V
Power Supply Voltage *1
VCC,VCCQ
–0.5
+4.0
V
A9, OE, and RESET *1,*3
VIN
–0.5
+12.5
V
WP/ACC *1,*3
VACC
–0.5
+12.5
V
Parameter
Symbol
Value
Unit
Min
Max
Ambient Temperature
90
TA
–20
+70
°C
10
–20
+85
VCC Supply Voltage *2, *3
VCC
+3.0
+3.6
V
VCCQ Supply Voltage *2, *3
VCCQ
VCC
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com