Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MBM29PL65LM90TN Datasheet(PDF) 14 Page - SPANSION

Part # MBM29PL65LM90TN
Description  FLASH MEMORY CMOS 64 M (4M X 16) BIT MirrorFlashTM
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MBM29PL65LM90TN Datasheet(HTML) 14 Page - SPANSION

Back Button MBM29PL65LM90TN Datasheet HTML 10Page - SPANSION MBM29PL65LM90TN Datasheet HTML 11Page - SPANSION MBM29PL65LM90TN Datasheet HTML 12Page - SPANSION MBM29PL65LM90TN Datasheet HTML 13Page - SPANSION MBM29PL65LM90TN Datasheet HTML 14Page - SPANSION MBM29PL65LM90TN Datasheet HTML 15Page - SPANSION MBM29PL65LM90TN Datasheet HTML 16Page - SPANSION MBM29PL65LM90TN Datasheet HTML 17Page - SPANSION MBM29PL65LM90TN Datasheet HTML 18Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 56 page
background image
MBM29PL65LM-90/10
14
(Continued)
A6 to A0
DQ15 to DQ0
Description
35h
36h
37h
38h
0000h
0000h
0000h
0000h
Erase Block Region 3 Information
bit 15 to bit 0 : y
= number of sectors
bit 31 to bit 16 : z
= size
(z
× 256 Byte)
39h
3Ah
3Bh
3Ch
0000h
0000h
0000h
0000h
Erase Block Region 4 Information
bit 15 to bit 0 : y
= number of sectors
bit 31 to bit 16 : z
= size
(z
× 256 Byte)
40h
41h
42h
0050h
0052h
0049h
Query-unique ASCII string “PRI”
43h
0031h
Major version number, ASCII
44h
0033h
Minor version number, ASCII
45h
0008h
Address Sensitive Unlock
08h : Supported
09h : Not Supported
46h
0002h
Erase Suspend
(02h = To Read & Write)
47h
0004h
Sector Group Protection
00h : Not Supported
X : Number of sectors in per group
48h
0001h
Sector Temporary Unprotection
00h : Not Supported
01h : Supported
49h
0004h
Sector Group Protection Algorithm
4Ah
0000h
Dual Operation
(00h = Not Supported)
4Bh
0000h
Burst Mode Type
(00h = Not Supported)
4Ch
0001h
Page Mode Type
(01h = 4-Word Page Supported)
4Dh
00B5h
VACC (Acceleration) Supply Minimum
00h = Not Supported
DQ7 to DQ4: 1V/bit,
DQ3 to DQ0: 100mV/bit
4Eh
00C5h
VACC (Acceleration) Supply Maximum
00h = Not Supported
DQ7 to DQ4: 1V/bit,
DQ3 to DQ0: 100mV/bit
4Fh
0004h
Write Protect
04h = Uniform Sectors Bottom Write Protect
50h
01h
Program Suspend
00h = Not Supported
01h = Supported



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com