Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MBM29PL65LM90TN Datasheet(PDF) 30 Page - SPANSION

Part # MBM29PL65LM90TN
Description  FLASH MEMORY CMOS 64 M (4M X 16) BIT MirrorFlashTM
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MBM29PL65LM90TN Datasheet(HTML) 30 Page - SPANSION

Back Button MBM29PL65LM90TN Datasheet HTML 26Page - SPANSION MBM29PL65LM90TN Datasheet HTML 27Page - SPANSION MBM29PL65LM90TN Datasheet HTML 28Page - SPANSION MBM29PL65LM90TN Datasheet HTML 29Page - SPANSION MBM29PL65LM90TN Datasheet HTML 30Page - SPANSION MBM29PL65LM90TN Datasheet HTML 31Page - SPANSION MBM29PL65LM90TN Datasheet HTML 32Page - SPANSION MBM29PL65LM90TN Datasheet HTML 33Page - SPANSION MBM29PL65LM90TN Datasheet HTML 34Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 56 page
background image
MBM29PL65LM-90/10
30
s
s
s
s ELECTRICAL CHARACTERISTICS
1.
DC Characteristics
*1 : The lCC current listed includes both the DC operating current and the frequency dependent component.
*2 : Maximum ICC values are tested with VCC = VCC Max and VCCQ = VCCQ Max.
*3 : ICC active while Embedded Erase or Embedded Program or Write Buffer Programming is in progress.
*4 : Automatic sleep mode enables the low power mode when address remain stable for tACC + 30 ns.
Parameter
Sym-
bol
Conditions
Value
Unit
Min
Typ
Max
Input Leakage Current
ILI
VIN = VSS to VCC,
VCC = VCC Max
WP Pin
–2.0
—
+2.0
µA
Others
–1.0
—
+1.0
Output Leakage Current
ILO
VOUT = VSS to VCC, VCC = VCC Max
–1.0
—
+1.0
µA
A9, OE, RESET Inputs
Leakage Current
ILIT
VCC = VCC Max,
A9, OE, RESET = 12.5 V
—
—
35
µA
VCC Active Current
(Read ) *1,*2
ICC1
CE = VIL, OE = VIH, f = 5 MHz
—
15
25
mA
CE = VIL, OE = VIH, f = 10 MHz
—
35
50
mA
VCC Active Current
(Intra-Page Read ) *2
ICC2
CE = VIL, OE = VIH, tPRC = 25 ns,
4-Word
—10
20
mA
VCC Active Current
(Program / Erase) *2,*3
ICC3
CE = VIL, OE = VIH
—50
60
mA
VCC Standby Current *2
ICC4
CE = VCC ± 0.3 V, RESET = VCC ± 0.3
V,
OE = VIH, WP = VCC ± 0.3 V
—1
5
µA
VCC Reset Current *2
ICC5
RESET = VCC ± 0.3 V,
WP = VCC ± 0.3 V
—1
5
µA
VCC Automatic Sleep Current
*4
ICC6
CE = VSS ± 0.3 V, RESET = VCC ± 0.3 V,
VIN = VCC ± 0.3 V or Vss ± 0.3 V,
WP = VCC ± 0.3 V
—1
5
µA
VCC Active Current
(Erase-Suspend-Program) *2
ICC7
CE = VIL, OE = VIH
—50
60
mA
ACC Accelerated Program
Current
IACC
CE = VIL, OE = VIH,
Vcc = Vcc Max,
ACC =VACC Max
ACC
Pin
——
45
mA
Vcc Pin
—
—
60
Input Low Level
VIL
—
–0.5
—
0.6
V
Input High Level
VIH
—0.7
× VCC
—VCC + 0.3
V
Voltage for ACC Sector
Protection/Unprotection and
Program Acceleration
VACC VCC = 3.0 V to 3.6 V
11.5
12.0
12.5
V
Voltage for Autoselect, and
Temporary Sector Unprotected
VID
VCC = 3.0 V to 3.6 V
11.5
12.0
12.5
V
Output Low Voltage Level
VOL
IOL = 4.0 mA, VCC = VCC Min,
VCCQ = VCCQ Min
——
0.45
V
Output High Voltage Level
VOH
IOH = –2.0 mA, VCC = VCC Min,
VCCQ = VCCQ Min
0.85
× VCCQ ——
V
Low VCC Lock-Out Voltage
VLKO
—
2.3
—
2.5
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com