Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST72324BJ Datasheet(PDF) 65 Page - STMicroelectronics

Part # ST72324BJ
Description  8-bit MCU, 3.8 to 5.5 V operating range with 8 to 32 Kbyte Flash/ROM, 10-bit ADC, 4 timers, SPI, SCI
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72324BJ Datasheet(HTML) 65 Page - STMicroelectronics

Back Button ST72324BJ Datasheet HTML 61Page - STMicroelectronics ST72324BJ Datasheet HTML 62Page - STMicroelectronics ST72324BJ Datasheet HTML 63Page - STMicroelectronics ST72324BJ Datasheet HTML 64Page - STMicroelectronics ST72324BJ Datasheet HTML 65Page - STMicroelectronics ST72324BJ Datasheet HTML 66Page - STMicroelectronics ST72324BJ Datasheet HTML 67Page - STMicroelectronics ST72324BJ Datasheet HTML 68Page - STMicroelectronics ST72324BJ Datasheet HTML 69Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 188 page
background image
ST72324B
On-chip peripherals
65/188
10.2.2
Clock-out capability
The clock-out capability is an alternate function of an I/O port pin that outputs the fCPU clock
to drive external devices. It is controlled by the MCO bit in the MCCSR register.
Caution:
When selected, the clock out pin suspends the clock during Active Halt mode.
10.2.3
Real-time clock (RTC) timer
The counter of the real-time clock timer allows an interrupt to be generated based on an
accurate real-time clock. Four different time bases depending directly on fOSC2 are available.
The whole functionality is controlled by four bits of the MCCSR register: TB[1:0], OIE and
OIF.
When the RTC interrupt is enabled (OIE bit set), the ST7 enters Active Halt mode when the
HALT instruction is executed. See Section 8.4: Active Halt and Halt modes on page 49 for
more details.
10.2.4
Beeper
The beep function is controlled by the MCCBCR register. It can output three selectable
frequencies on the Beep pin (I/O port alternate function).
Figure 35.
Main clock controller (MCC/RTC) block diagram
Div 2, 4, 8, 16
MCC/RTC interrupt
SMS
CP1 CP0
TB1 TB0 OIE OIF
CPU clock
MCCSR
12-bit MCC RTC
counter
to CPU and
peripherals
fOSC2
fCPU
MCO
MCO
BC1 BC0
MCCBCR
Beep
selection
Beep signal
1
0
To
Watchdog
timer
Div 64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com