Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST72324BJ Datasheet(PDF) 94 Page - STMicroelectronics

Part # ST72324BJ
Description  8-bit MCU, 3.8 to 5.5 V operating range with 8 to 32 Kbyte Flash/ROM, 10-bit ADC, 4 timers, SPI, SCI
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72324BJ Datasheet(HTML) 94 Page - STMicroelectronics

Back Button ST72324BJ Datasheet HTML 90Page - STMicroelectronics ST72324BJ Datasheet HTML 91Page - STMicroelectronics ST72324BJ Datasheet HTML 92Page - STMicroelectronics ST72324BJ Datasheet HTML 93Page - STMicroelectronics ST72324BJ Datasheet HTML 94Page - STMicroelectronics ST72324BJ Datasheet HTML 95Page - STMicroelectronics ST72324BJ Datasheet HTML 96Page - STMicroelectronics ST72324BJ Datasheet HTML 97Page - STMicroelectronics ST72324BJ Datasheet HTML 98Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 188 page
background image
On-chip peripherals
ST72324B
94/188
Figure 52.
Generic SS timing diagram
Figure 53.
Hardware/software slave select management
Master mode operation
In master mode, the serial clock is output on the SCK pin. The clock frequency, polarity and
phase are configured by software (refer to the description of the SPICSR register).
Note:
The idle state of SCK must correspond to the polarity selected in the SPICSR register (by
pulling up SCK if CPOL = 1 or pulling down SCK if CPOL = 0).
How to operate the SPI in master mode
To operate the SPI in master mode, perform the following steps in order:
1.
Write to the SPICR register:
–
Select the clock frequency by configuring the SPR[2:0] bits.
–
Select the clock polarity and clock phase by configuring the CPOL and CPHA bits.
Figure 54 shows the four possible configurations.
Note: The slave must have the same CPOL and CPHA settings as the master.
2.
Write to the SPICSR register:
–
Either set the SSM bit and set the SSI bit or clear the SSM bit and tie the SS pin
high for the complete byte transmit sequence.
3.
Write to the SPICR register:
–
Set the MSTR and SPE bits.
Note: MSTR and SPE bits remain set only if SS is high.
Caution:
If the SPICSR register is not written first, the SPICR register setting (MSTR bit) might not be
taken into account.
The transmit sequence begins when software writes a byte in the SPIDR register.
Byte 1
Byte 2
Byte 3
MOSI/MISO
Master SS
Slave SS
(if CPHA=0)
Slave SS
(if CPHA=1)
1
0
SS internal
SSM bit
SSI bi
t
SS external pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com