Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST72324BJ Datasheet(PDF) 87 Page - STMicroelectronics

Part # ST72324BJ
Description  8-bit MCU, 3.8 to 5.5 V operating range with 8 to 32 Kbyte Flash/ROM, 10-bit ADC, 4 timers, SPI, SCI
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72324BJ Datasheet(HTML) 87 Page - STMicroelectronics

Back Button ST72324BJ Datasheet HTML 83Page - STMicroelectronics ST72324BJ Datasheet HTML 84Page - STMicroelectronics ST72324BJ Datasheet HTML 85Page - STMicroelectronics ST72324BJ Datasheet HTML 86Page - STMicroelectronics ST72324BJ Datasheet HTML 87Page - STMicroelectronics ST72324BJ Datasheet HTML 88Page - STMicroelectronics ST72324BJ Datasheet HTML 89Page - STMicroelectronics ST72324BJ Datasheet HTML 90Page - STMicroelectronics ST72324BJ Datasheet HTML 91Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 188 page
background image
ST72324B
On-chip peripherals
87/188
Input Capture 1 High Register (IC1HR)
This is an 8-bit register that contains the high part of the counter value (transferred by the
input capture 1 event).
6OCF1
Output Compare Flag 1
0: No match (reset value).
1: The content of the free running counter has matched the content of the OC1R
register. To clear this bit, first read the SR register, then read or write the low byte of
the OC1R (OC1LR) register.
5TOF
Timer Overflow Flag
0: No timer overflow (reset value).
1: The free running counter rolled over from FFFFh to 0000h. To clear this bit, first
read the SR register, then read or write the low byte of the CR (CLR) register.
Note: Reading or writing the ACLR register does not clear TOF.
4ICF2
Input Capture Flag 2
0: No input capture (reset value).
1: An Input Capture has occurred on the ICAP2 pin. To clear this bit, first read the SR
register, then read or write the low byte of the IC2R (IC2LR) register.
3OCF2
Output Compare Flag 2
0: No match (reset value).
1: The content of the free running counter has matched the content of the OC2R
register. To clear this bit, first read the SR register, then read or write the low byte of
the OC2R (OC2LR) register.
2TIMD
Timer Disable
This bit is set and cleared by software. When set, it freezes the timer prescaler and
counter and disabled the output functions (OCMP1 and OCMP2 pins) to reduce
power consumption. Access to the timer registers is still available, allowing the timer
configuration to be changed, or the counter reset, while it is disabled.
0: Timer enabled.
1: Timer prescaler, counter and outputs disabled.
1:0
-
Reserved, must be kept cleared.
IC1HR
Reset value: undefined
7
654
32
10
MSB
LSB
RO
RO
RO
RO
RO
RO
RO
RO
Table 50.
CSR register description (continued)
Bit
Name
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com