Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST72324BJ Datasheet(PDF) 50 Page - STMicroelectronics

Part # ST72324BJ
Description  8-bit MCU, 3.8 to 5.5 V operating range with 8 to 32 Kbyte Flash/ROM, 10-bit ADC, 4 timers, SPI, SCI
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72324BJ Datasheet(HTML) 50 Page - STMicroelectronics

Back Button ST72324BJ Datasheet HTML 46Page - STMicroelectronics ST72324BJ Datasheet HTML 47Page - STMicroelectronics ST72324BJ Datasheet HTML 48Page - STMicroelectronics ST72324BJ Datasheet HTML 49Page - STMicroelectronics ST72324BJ Datasheet HTML 50Page - STMicroelectronics ST72324BJ Datasheet HTML 51Page - STMicroelectronics ST72324BJ Datasheet HTML 52Page - STMicroelectronics ST72324BJ Datasheet HTML 53Page - STMicroelectronics ST72324BJ Datasheet HTML 54Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 188 page
background image
Power saving modes
ST72324B
50/188
Figure 27.
Active Halt mode flowchart
1.
Peripheral clocked with an external clock source can still be active.
2.
Only the MCC/RTC interrupt and some specific interrupts can exit the MCU from Active Halt mode (such as
external interrupt). Refer to Table 24: Interrupt mapping on page 46 for more details.
3.
Before servicing an interrupt, the CC register is pushed on the stack. The I[1:0] bits of the CC register are
set to the current software priority level of the interrupt routine and restored when the CC register is
popped.
8.4.2
Halt mode
The Halt mode is the lowest power consumption mode of the MCU. It is entered by
executing the ‘HALT’ instruction when the OIE bit of the Main Clock Controller Status
register (MCCSR) is cleared (see Section 10.2: Main clock controller with real-time clock
and beeper (MCC/RTC) on page 64 for more details on the MCCSR register).
The MCU can exit Halt mode on reception of either a specific interrupt (see Table 24:
Interrupt mapping) or a reset. When exiting Halt mode by means of a reset or an interrupt,
the oscillator is immediately turned on and the 256 or 4096 CPU cycle delay is used to
stabilize the oscillator. After the start up delay, the CPU resumes operation by servicing the
interrupt or by fetching the reset vector which woke it up (see Figure 29).
When entering Halt mode, the I[1:0] bits in the CC register are forced to ‘10b’ to enable
interrupts. Therefore, if an interrupt is pending, the MCU wakes up immediately.
In Halt mode, the main oscillator is turned off causing all internal processing to be stopped,
including the operation of the on-chip peripherals. All peripherals are not clocked except the
ones which get their clock supply from another clock generator (such as an external or
auxiliary oscillator).
The compatibility of Watchdog operation with Halt mode is configured by the “WDGHALT”
option bit of the option byte. The HALT instruction when executed while the Watchdog
system is enabled, can generate a Watchdog reset (see Section 14.1 on page 172) for more
details.
Halt instruction
Reset
Interrupt(2)
Y
N
N
Y
CPU
Oscillator
Peripherals(1)
I[1:0] bits
on
off
10
off
Fetch reset vector
or service interrupt
CPU
Oscillator
Peripherals
I[1:0] bits
on
off
XX(3)
on
CPU
Oscillator
Peripherals
I[1:0] bits
on
on
XX(3)
on
256 or 4096 CPU clock
cycle delay
(MCCSR.OIE = 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com