Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST72324BJ Datasheet(PDF) 26 Page - STMicroelectronics

Part # ST72324BJ
Description  8-bit MCU, 3.8 to 5.5 V operating range with 8 to 32 Kbyte Flash/ROM, 10-bit ADC, 4 timers, SPI, SCI
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72324BJ Datasheet(HTML) 26 Page - STMicroelectronics

Back Button ST72324BJ Datasheet HTML 22Page - STMicroelectronics ST72324BJ Datasheet HTML 23Page - STMicroelectronics ST72324BJ Datasheet HTML 24Page - STMicroelectronics ST72324BJ Datasheet HTML 25Page - STMicroelectronics ST72324BJ Datasheet HTML 26Page - STMicroelectronics ST72324BJ Datasheet HTML 27Page - STMicroelectronics ST72324BJ Datasheet HTML 28Page - STMicroelectronics ST72324BJ Datasheet HTML 29Page - STMicroelectronics ST72324BJ Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 188 page
background image
Supply, reset and clock management
ST72324B
26/188
6
Supply, reset and clock management
6.1
Introduction
The device includes a range of utility features for securing the application in critical
situations (for example in case of a power brown-out), and reducing the number of external
components. An overview is shown in Figure 12.
For more details, refer to dedicated parametric section.
Main features
●
Optional Phase Locked Loop (PLL) for multiplying the frequency by 2 (not to be used
with internal RC oscillator in order to respect the max. operating frequency)
●
Multi-Oscillator clock management (MO)
–
5 crystal/ceramic resonator oscillators
–
1 Internal RC oscillator
●
Reset Sequence Manager (RSM)
●
System Integrity management (SI)
–
Main supply low voltage detection (LVD)
–
Auxiliary voltage detector (AVD) with interrupt capability for monitoring the main
supply
6.2
PLL (phase locked loop)
If the clock frequency input to the PLL is in the range 2 to 4 MHz, the PLL can be used to
multiply the frequency by two to obtain an fOSC2 of 4 to 8 MHz. The PLL is enabled by option
byte. If the PLL is disabled, then fOSC2 = fOSC/2.
Caution:
The PLL is not recommended for applications where timing accuracy is required.
Furthermore, it must not be used with the internal RC oscillator.
Figure 11.
PLL block diagram
0
1
PLL option bit
PLL x 2
fOSC2
/ 2
fOSC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com