Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST72324BJ Datasheet(PDF) 34 Page - STMicroelectronics

Part # ST72324BJ
Description  8-bit MCU, 3.8 to 5.5 V operating range with 8 to 32 Kbyte Flash/ROM, 10-bit ADC, 4 timers, SPI, SCI
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72324BJ Datasheet(HTML) 34 Page - STMicroelectronics

Back Button ST72324BJ Datasheet HTML 30Page - STMicroelectronics ST72324BJ Datasheet HTML 31Page - STMicroelectronics ST72324BJ Datasheet HTML 32Page - STMicroelectronics ST72324BJ Datasheet HTML 33Page - STMicroelectronics ST72324BJ Datasheet HTML 34Page - STMicroelectronics ST72324BJ Datasheet HTML 35Page - STMicroelectronics ST72324BJ Datasheet HTML 36Page - STMicroelectronics ST72324BJ Datasheet HTML 37Page - STMicroelectronics ST72324BJ Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 188 page
background image
Supply, reset and clock management
ST72324B
34/188
6.6
SI registers
6.6.1
System integrity (SI) control/status register (SICSR)
SICSR
Reset value: 000x 000x (00h)
7
654
32
10
Res
AVDIE
AVDF
LVDRF
Reserved
WDGRF
-
R/W
RO
R/W
-
R/W
Table 11.
SICSR register description
Bit
Name
Function
7
-
Reserved, must be kept cleared
6AVDIE
Voltage Detector Interrupt Enable
This bit is set and cleared by software. It enables an interrupt to be generated
when the AVDF flag changes (toggles). The pending interrupt information is
automatically cleared when software enters the AVD interrupt routine
0: AVD interrupt disabled
1: AVD interrupt enabled
5AVDF
Voltage Detector Flag
This read-only bit is set and cleared by hardware. If the AVDIE bit is set, an
interrupt request is generated when the AVDF bit changes value. Refer to
Figure 17 and to Section 6.5.2: AVD (auxiliary voltage detector) for additional
details.
0: VDD over VIT+(AVD) threshold
1: VDD under VIT-(AVD) threshold
4
LVDRF
LVD Reset Flag
This bit indicates that the last reset was generated by the LVD block. It is set by
hardware (LVD reset) and cleared by software (writing zero). See WDGRF flag
description for more details. When the LVD is disabled by option byte, the LVDRF
bit value is undefined.
3:1
-
Reserved, must be kept cleared
0
WDGRF
Watchdog Reset Flag
This bit indicates that the last reset was generated by the Watchdog peripheral. It is
set by hardware (watchdog reset) and cleared by software (writing zero) or an LVD
reset (to ensure a stable cleared state of the WDGRF flag when CPU starts).
Combined with the LVDRF information, the flag description is given in Table 12.
Table 12.
Reset source flags
Reset sources
LVDRF
WDGRF
External RESET pin
0
0
Watchdog
0
1
LVD
1
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com