Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST72324BJ Datasheet(PDF) 95 Page - STMicroelectronics

Part # ST72324BJ
Description  8-bit MCU, 3.8 to 5.5 V operating range with 8 to 32 Kbyte Flash/ROM, 10-bit ADC, 4 timers, SPI, SCI
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72324BJ Datasheet(HTML) 95 Page - STMicroelectronics

Back Button ST72324BJ Datasheet HTML 91Page - STMicroelectronics ST72324BJ Datasheet HTML 92Page - STMicroelectronics ST72324BJ Datasheet HTML 93Page - STMicroelectronics ST72324BJ Datasheet HTML 94Page - STMicroelectronics ST72324BJ Datasheet HTML 95Page - STMicroelectronics ST72324BJ Datasheet HTML 96Page - STMicroelectronics ST72324BJ Datasheet HTML 97Page - STMicroelectronics ST72324BJ Datasheet HTML 98Page - STMicroelectronics ST72324BJ Datasheet HTML 99Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 188 page
background image
ST72324B
On-chip peripherals
95/188
Master mode transmit sequence
When software writes to the SPIDR register, the data byte is loaded into the 8-bit shift
register and then shifted out serially to the MOSI pin most significant bit first.
When data transfer is complete:
–
The SPIF bit is set by hardware
–
An interrupt request is generated if the SPIE bit is set and the interrupt mask in the
CCR register is cleared.
Clearing the SPIF bit is performed by the following software sequence:
1.
An access to the SPICSR register while the SPIF bit is set.
2.
A read to the SPIDR register.
Note:
While the SPIF bit is set, all writes to the SPIDR register are inhibited until the SPICSR
register is read.
Slave mode operation
In slave mode, the serial clock is received on the SCK pin from the master device.
To operate the SPI in slave mode:
1.
Write to the SPICSR register to perform the following actions:
–
Select the clock polarity and clock phase by configuring the CPOL and CPHA bits
(see Figure 54). The slave must have the same CPOL and CPHA settings as the
master.
–
Manage the SS pin as described in Slave Select management on page 93 and
Figure 52. If CPHA = 1, SS must be held low continuously. If CPHA = 0, SS must
be held low during byte transmission and pulled up between each byte to let the
slave write in the shift register.
2.
Write to the SPICR register to clear the MSTR bit and set the SPE bit to enable the SPI
I/O functions.
Slave mode transmit sequence
When software writes to the SPIDR register, the data byte is loaded into the 8-bit shift
register and then shifted out serially to the MISO pin most significant bit first.
The transmit sequence begins when the slave device receives the clock signal and the most
significant bit of the data on its MOSI pin.
When data transfer is complete:
–
The SPIF bit is set by hardware
–
An interrupt request is generated if SPIE bit is set and interrupt mask in the CCR
register is cleared.
Clearing the SPIF bit is performed by the following software sequence:
1.
An access to the SPICSR register while the SPIF bit is set.
2.
A write or a read to the SPIDR register.
Note:
While the SPIF bit is set, all writes to the SPIDR register are inhibited until the SPICSR
register is read.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com